Electronic Components Datasheet Search
  English  ▼

X  

AP1122DG-13 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP1122DG-13
Description  1A LOW DROPOUT POSITIVE REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1122DG-13 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP1122DG-13 Datasheet HTML 1Page - Diodes Incorporated AP1122DG-13 Datasheet HTML 2Page - Diodes Incorporated AP1122DG-13 Datasheet HTML 3Page - Diodes Incorporated AP1122DG-13 Datasheet HTML 4Page - Diodes Incorporated AP1122DG-13 Datasheet HTML 5Page - Diodes Incorporated AP1122DG-13 Datasheet HTML 6Page - Diodes Incorporated AP1122DG-13 Datasheet HTML 7Page - Diodes Incorporated AP1122DG-13 Datasheet HTML 8Page - Diodes Incorporated AP1122DG-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AP1122
1A LOW DROPOUT POSITIVE REGULATOR
AP1122
Document number: DS31012 Rev. 9 - 2
3 of 11
www.diodes.com
May 2010
© Diodes Incorporated
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VIN
DC Supply Voltage
-0.3 to 12
V
TST
Storage Temperature
-65 to +150
oC
TMJ
Maximum Junction Temperature
150
oC
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
IOUT
Output Current
-
1.0
A
TOP
Operating Junction Temperature Range
0
125
oC
Electrical Characteristics (Under Operating Conditions)
Parameter
Test Conditions
Min
Typ.
Max
Unit
Output Voltage
2.5V≦VIN≦12V, IO=10mA, TA=25
oC
1.176
1.2
1.224
V
Line Regulation
2.5V≦VIN≦12V, IO=10mA, TA=25
oC
0.2
%
Load Regulation
VIN=2.5V~12V, 10mA<Io<1A, TA=25
oC (Note 2, 3)
1
%
Dropout Voltage
(VIN-VOUT)
IOUT = 1A ,ΔVOUT = 1%VOUT
1.3
V
Current Limit
(VIN-VOUT) = 5V
1. 1
A
Minimum Load Current
(Note 4)
0
oC≦T
J≦125
oC
5
10
mA
Thermal Regulation
TA=25
oC, 30ms pulse
0.008
0.04
%/W
Ripple Rejection
F=120Hz,COUT=25uF Tantalum, IOUT=1A, VIN=VOUT+3V
60
70
dB
Temperature Stability
IO=10mA
0.5
%
θ
JA Thermal Resistance
Junction-to-Ambient
SOT89-3L: Control Circuitry/Power Transistor (Note 5)
SOT223-3L: Control Circuitry/Power Transistor (Note 6)
TO252-3L: Control Circuitry/Power Transistor (Note 5)
TO220-3L: Control Circuitry/Power Transistor (Note 5)
TO263-3L: Control Circuitry/Power Transistor (Note 5)
182
107
73
78
60
oC/W
θ
JC Thermal Resistance
Junction-to-Case
SOT89-3L: Control Circuitry/Power Transistor (Note 5)
SOT223-3L: Control Circuitry/Power Transistor (Note 6)
TO252-3L: Control Circuitry/Power Transistor (Note 5)
TO220-3L: Control Circuitry/Power Transistor (Note 5)
TO263-3L: Control Circuitry/Power Transistor (Note 5)
42
16
12
3.5
3.5
oC/W
Notes:
2. See thermal regulation specifications for changes in output voltage due to heating effects. Line and load regulation are
measured at a constant junction temperature by low duty cycle pulse testing. Load regulation is measured at the output lead
= 1/18” from the package.
3. Line and load regulation are guaranteed up to the maximum power dissipation of 15W. Power dissipation is determined by the
difference between input and output differential and the output current. Guaranteed maximum power dissipation will not be
available over the full input/output range.
4. Quiescent current is defined as the minimum output current required in maintaining regulation. At 12V input/output differential
the device is guaranteed to regulate if the output current is greater than 10mA.
5. Test conditions for SOT89-3L, TO252-3L, TO220-3L, and TO263-3L: Devices mounted on FR-4 substrate, single sided PC
board, 2oz copper, with minimum recommended pad layout, no air flow.
6. Test condition for SOT223-3L: Device mounted on FR-4 substrate, single sided PC board, 2oz copper, with 5mmX5mm thermal
pad layout, no air flow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com