Electronic Components Datasheet Search
  English  ▼

X  

AP1520SL-13 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP1520SL-13
Description  PWM CONTROL 2A STEP-DOWN CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1520SL-13 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP1520SL-13 Datasheet HTML 1Page - Diodes Incorporated AP1520SL-13 Datasheet HTML 2Page - Diodes Incorporated AP1520SL-13 Datasheet HTML 3Page - Diodes Incorporated AP1520SL-13 Datasheet HTML 4Page - Diodes Incorporated AP1520SL-13 Datasheet HTML 5Page - Diodes Incorporated AP1520SL-13 Datasheet HTML 6Page - Diodes Incorporated AP1520SL-13 Datasheet HTML 7Page - Diodes Incorporated AP1520SL-13 Datasheet HTML 8Page - Diodes Incorporated AP1520SL-13 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AP1520
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1520 Rev. 5
1 of 9
JULY 2009
DS31174
www.diodes.com
© Diodes Incorporated
•
Input Voltage: 3.6V to 23V
•
Output Voltage: 0.8V to VCC
•
Duty Ratio: 0% to 100% PWM Control
•
Oscillation Frequency: 300kHz typ.
•
Current Limit, Enable Function
•
Thermal Shutdown Function
•
Built-in Internal SW P-Channel MOS
•
SOP-8L Pb-Free Package
•
SOP-8L: Available in “Green” Molding Compound
(No Br, Sb)
•
Lead Free Finish/ RoHS Compliant (Note 1)
AP1520 consists of step-down switching regulator with PWM
control. These devices include a reference voltage source,
oscillation circuit, error amplifier and internal PMOS.
AP1520 provides low-ripple power, high efficiency and excellent
transient characteristics. The PWM control circuit is able to vary
the duty ratio linearly from 0 up to 100%. This converter also
contains an error amplifier circuit. An enable function, an over
current protection and a short circuit protection are built inside,
and when OCP or SCP happens, the operation frequency will be
reduced from 300kHz to 30kHz. Also, an internal compensation
block is built in to minimum external component count.
With the addition of an internal P-channel Power MOS, a coil,
capacitors, and a diode connected externally, these ICs can
function as step-down switching regulators. They serve as ideal
power supply units for portable devices when coupled with the
SOP- 8L package, providing such outstanding features as low
current consumption. Since this converter can accommodate an
input voltage up to 23V, it is also suitable for the operation via an
AC adapter.
•
PC Motherboard
•
LCD Monitor
•
Graphic Card
•
DVD-Video Player
•
Telecom Equipment
•
ADSL Modem
•
Printer and other Peripheral Equipment
•
Microprocessor Core Supply
•
Networking Power Supply
Typical Application Circuit
AP1520
+
-
VSS
EN
CC
RA
RB
D1
FB
Vcc
Output
CVcc
VOUT
VIN
ROCSET
OCSET
COUT
CIN
Optional
COCSET
CEN
REN
Option
100K
Note: VOUT = VFB x (1+RA/RB)
RB=0.7K~5K ohm
L1
22uH
6.8K
1.3K
3K
0.1uF
+
-
C
0.1uF
470uF
680uF
0.1uF
Features
General Description
Applications


Similar Part No. - AP1520SL-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1520SL-13 DIODES-AP1520SL-13 Datasheet
259Kb / 8P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1520 Rev. 1
More results

Similar Description - AP1520SL-13

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1520 ANACHIP-AP1520 Datasheet
197Kb / 7P
PWM Control 2A Step-Down Converter
Rev. 1.5 Apr 10, 2006
logo
Diodes Incorporated
AP1513 DIODES-AP1513 Datasheet
176Kb / 8P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1513 Rev. 1
AP1520 DIODES-AP1520 Datasheet
259Kb / 8P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1520 Rev. 1
AP1534 DIODES-AP1534 Datasheet
170Kb / 8P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1534 Rev. 2
AP5002 DIODES-AP5002 Datasheet
250Kb / 10P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP5002 Rev. 6
logo
FOSLINK SEMICONDUCTOR C...
FSP3130 FOSLINK-FSP3130 Datasheet
228Kb / 7P
PWM CONTROL 2A STEP-DOWN CONVERTER
FSP3133 FOSLINK-FSP3133 Datasheet
219Kb / 7P
PWM CONTROL 2A STEP-DOWN CONVERTER
logo
Diodes Incorporated
AP5002 DIODES-AP5002_09 Datasheet
207Kb / 10P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP5002 Rev. 8
AP1513 DIODES-AP1513_17 Datasheet
495Kb / 9P
PWM CONTROL 2A STEP-DOWN CONVERTER
Rev 5
logo
SI-CORE CORP.
CX4060 SICORE-CX4060 Datasheet
416Kb / 9P
PWM Control 2A Step-Down Converter
Rev. 1.02
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com