Electronic Components Datasheet Search
  English  ▼

X  

AP1538 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP1538
Description  18V 3A 300KHz BUCK CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1538 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP1538 Datasheet HTML 1Page - Diodes Incorporated AP1538 Datasheet HTML 2Page - Diodes Incorporated AP1538 Datasheet HTML 3Page - Diodes Incorporated AP1538 Datasheet HTML 4Page - Diodes Incorporated AP1538 Datasheet HTML 5Page - Diodes Incorporated AP1538 Datasheet HTML 6Page - Diodes Incorporated AP1538 Datasheet HTML 7Page - Diodes Incorporated AP1538 Datasheet HTML 8Page - Diodes Incorporated AP1538 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AP1538
18V 3A 300KHz BUCK CONVERTER
AP1538 Rev. 5
5 of 13
OCTOBER 2009
DS31451
www.diodes.com
© Diodes Incorporated
Electrical Characteristics
(VIN = 12V, TA = 25°C, unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ.
Max
Unit
VFB
Feedback Voltage
IOUT = 0.1A
0.784
0.8
0.816
V
IFB
Feedback Bias Current
IOUT = 0.1A
-
0.1
0.5
µA
ISHDN
Current Consumption During
Power Off
VEN = 0V
-
10
-
µA
∆V
OUT
/ VIN
Line Regulation
VIN = 5V~18V
-
1
2
%
∆V
OUT
/ VOUT
Load Regulation
IOUT = 0.1 to 3A
-
0.2
0.5
%
fOSC
Oscillation Frequency
Measure waveform at SW pin
240
300
400
KHz
fOSC1
Frequency of Current Limit or
Short Circuit Protection
Measure waveform at SW pin
-
50
-
KHz
VIH
EN Pin Input Voltage
Evaluate oscillation at SW pin
2.0
-
-
V
VIL
Evaluate oscillation stop at SW pin
-
-
0.8
ISH
EN Pin Input Leakage Current
EN Pin High
-
20
-
µA
ISL
EN Pin Low
-
-10
-
µA
IOCSET
OCSET Pin Bias Current
--
75
90
105
µA
RDS(ON) Internal MOSFET RDS(ON)
VIN=5V, VFB=0V
-
110
-
m
Ω
VIN=12V, VFB=0V
-
70
-
EFFI
Efficiency
VIN=12V, VOUT = 5V
IOUT=3A
-
92
-
%
TSHDN
Thermal shutdown threshold
-
150
-
°C
THYS
Thermal shutdown hysteresis
-
55
-
°C
θ
JC
Thermal Resistance
Junction-to-Case
SOP-8L (Note 5)
-
24
-
oC/W
SOP-8L-DEP (Note 5)
-
26
-
Notes:
5. Test condition for SOP-8L and SOP-8L-DEP: Devices mounted on 2oz copper, minimum recommended pad layout on top & bottom layer with
thermal vias, double sided FR-4 PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com