Electronic Components Datasheet Search
  English  ▼

X  

AP1603 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP1603
Description  STEP-UP DC/DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1603 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP1603 Datasheet HTML 2Page - Diodes Incorporated AP1603 Datasheet HTML 3Page - Diodes Incorporated AP1603 Datasheet HTML 4Page - Diodes Incorporated AP1603 Datasheet HTML 5Page - Diodes Incorporated AP1603 Datasheet HTML 6Page - Diodes Incorporated AP1603 Datasheet HTML 7Page - Diodes Incorporated AP1603 Datasheet HTML 8Page - Diodes Incorporated AP1603 Datasheet HTML 9Page - Diodes Incorporated AP1603 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
AP1603
STEP-UP DC/DC CONVERTER
AP1603
Document number: DS31131 Rev. 3 - 2
7 of 10
www.diodes.com
June 2010
© Diodes Incorporated
Functions Description
General Description
AP1603 PFM (Pulse Frequency Modulation) converter IC series combine a switch mode converter, power
MOSFET, and precision voltage reference in a single monolithic device. They offer both extreme low quiescent
current, high efficiency, and very low gate threshold voltage to ensure start-up with low battery voltage (0.9V
typ.). Designed to maximize battery life in portable products, and minimize switching losses by only switching as
needed to service the load. PFM converters transfer a discrete amount of energy per cycle and regulate the
output voltage by modulating switching frequency with the constant turn-on time. Switching frequency depends
on the load, input voltage, and inductor value, and it can range up to 150KHz. The SW on resistance is typically
1 to 1.5 W to minimize switch losses. When the output voltage drops, the error comparator enables 150KHz
oscillator that turns on the MOSFET around 7.5us and 2.5ms off time. Turning on the MOSFET allows inductor
current to ramp up, storing energy in a magnetic field and when MOSFET turns off that force inductor current
through the diode to the output capacitor and load. As the stored energy is depleted, the current ramp down until
the diode turns off. At this point, inductor may ring due to residual energy and stray capacitance. The output
capacitor stores charge when current flow through the diode is high, and release it when the current flow is low,
thereby maintaining a steady voltage across the load. As the load increases, the output capacitor discharges
faster and the error comparator initiates cycles sooner, increasing the switching frequency. The maximum duty
cycle ensures adequate time for energy transfer to output during the second half of each cycle. Depending on
the circuit, PFM converter can operate in either discontinuous mode or continuous conduction mode. Continuous
conduction mode means that the inductor current does not ramp to zero during each cycle.
Inductor Selection
To operate as an efficient energy transfer element, the inductor must fulfill three requirements. First, the
inductance must be low enough for the inductor to store adequate energy under the worst-case condition of
minimum input voltage and switch ON time. Second, the inductance must also be high enough so the maximum
current rating of AP1603 and inductor are not exceeded at the other worst-case condition of maximum input
voltage and ON time. Lastly, the inductor must have sufficiently low DC resistance so excessive power is not lost
as heat in the windings. But unfortunately this is inversely related to physical size. Minimum and Maximum input
voltage, output voltage and output current must be established before an inductor can be selected.
Capacitor Selection
A poor choice for an output capacitor can result in poor efficiency and high output ripple. Ordinary aluminum
electrolyzers, while inexpensive, may have unacceptably poor ESR and ESL. There is a low ESR aluminum
capacitor for switch mode DC-DC converters which work much better than the general purpose unit. Tantalum
capacitors provide still better performance at more expense. OS-CON capacitors have extremely low ESR in a
small size. If capacitance is reduced, the output ripple will increase. Most of the input supply is supplied by the
input bypass capacitor. The capacitor voltage rating should be at least 1.25 times greater than a maximum input
voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com