Electronic Components Datasheet Search
  English  ▼

X  

AP2141 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP2141
Description  0.5A SINGLE CHANNEL CURRENT-LIMITED POWER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2141 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP2141 Datasheet HTML 1Page - Diodes Incorporated AP2141 Datasheet HTML 2Page - Diodes Incorporated AP2141 Datasheet HTML 3Page - Diodes Incorporated AP2141 Datasheet HTML 4Page - Diodes Incorporated AP2141 Datasheet HTML 5Page - Diodes Incorporated AP2141 Datasheet HTML 6Page - Diodes Incorporated AP2141 Datasheet HTML 7Page - Diodes Incorporated AP2141 Datasheet HTML 8Page - Diodes Incorporated AP2141 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
AP2141/AP2151
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER
SWITCH
AP2141/AP2151 Rev. 6
1 of 19
JUNE 2009
DS31562
www.diodes.com
© Diodes Incorporated
•
Single USB port power switches
•
Over-current and thermal protection
•
0.8A accurate current limiting
•
Reverse Current Blocking
•
95m
Ω on-resistance
•
Input voltage range: 2.7V – 5.5V
•
0.6ms typical rise time
•
Very low shutdown current: 1uA (max)
•
Fault report (FLG) with blanking time (7ms typ)
•
ESD protection: 4KV HBM, 400V MM
•
Active high (AP2151) or active low (AP2141) enable
•
Ambient temperature range -40ºC to 85°C
•
SOT25, SOP-8L, MSOP-8L-EP (Exposed Pad), and
DFN2018-6: Available in “Green” Molding Compound
(No Br, Sb)
•
Lead Free Finish / RoHS Compliant (Note 1)
•
UL Recognized, File Number E322375
•
IEC60950-1 CB Scheme Certified
The AP2141 and AP2151 are integrated high-side power switches
optimized for Universal Serial Bus (USB) and other hot-swap
applications. The family of devices complies with USB 2.0 and
available with both polarities of Enable input.
They offer current
and thermal limiting and short circuit protection as well as
controlled rise time and under-voltage lockout functionality. A 7ms
deglitch capability on the open-drain Flag output prevents false
over-current
reporting
and
does
not
require
any
external
components.
All devices are available in SOP-8L, MSOP-8L-EP, SOT25, and
DFN2018-6 packages.
•
Consumer electronics – LCD TV & Monitor, Game Machines
•
Communications – Set-Top-Box, GPS, Smartphone
•
Computing – Laptop, Desktop, Servers, Printers, Docking Station, HUB
0.1uF
IN
GND
EN
OUT
ON
120uF
Power Supply
2.7V to 5.5V
0.1uF
OFF
FLG
Load
10k
10uF
AP2151 Enable Active High
Available Options
Part Number
Channel
Enable pin (EN)
Current limit
(typical)
Recommended maximum
continuous load current
AP2141
1
Active Low
0.8A
0.5A
AP2151
1
Active High
0.8A
0.5A
Features
Description
Applications
Typical Application Circuit


Similar Part No. - AP2141

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2141 DIODES-AP2141 Datasheet
481Kb / 17P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2141 DIODES-AP2141 Datasheet
481Kb / 17P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2141 DIODES-AP2141 Datasheet
389Kb / 19P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP21410 DIODES-AP21410 Datasheet
916Kb / 14P
0.2A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
June 2015
AP21410FM-7 DIODES-AP21410FM-7 Datasheet
916Kb / 14P
0.2A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
June 2015
More results

Similar Description - AP2141

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2146 DIODES-AP2146 Datasheet
535Kb / 17P
0.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
AP2146/AP2156 Rev 1
AP2145 DIODES-AP2145 Datasheet
390Kb / 14P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2155 Rev. 1
AP2145 DIODES-AP2145_10 Datasheet
405Kb / 13P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32031 Rev. 2 - 2
AP2141 DIODES-AP2141_13 Datasheet
481Kb / 17P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2141FMG-7 DIODES-AP2141FMG-7 Datasheet
481Kb / 17P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2141WG-7 DIODES-AP2141WG-7 Datasheet
481Kb / 17P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2141SG-13 DIODES-AP2141SG-13 Datasheet
389Kb / 19P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2142SG-13 DIODES-AP2142SG-13 Datasheet
2Mb / 17P
0.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2141A DIODES-AP2141A Datasheet
1Mb / 17P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
April 2018
AP2151A DIODES-AP2151A Datasheet
893Kb / 18P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
January 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com