Electronic Components Datasheet Search
  English  ▼

X  

AP2014ASG-13 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP2014ASG-13
Description  SYNCHRONOUS PWM CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2014ASG-13 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP2014ASG-13 Datasheet HTML 4Page - Diodes Incorporated AP2014ASG-13 Datasheet HTML 5Page - Diodes Incorporated AP2014ASG-13 Datasheet HTML 6Page - Diodes Incorporated AP2014ASG-13 Datasheet HTML 7Page - Diodes Incorporated AP2014ASG-13 Datasheet HTML 8Page - Diodes Incorporated AP2014ASG-13 Datasheet HTML 9Page - Diodes Incorporated AP2014ASG-13 Datasheet HTML 10Page - Diodes Incorporated AP2014ASG-13 Datasheet HTML 11Page - Diodes Incorporated AP2014ASG-13 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
AP2014/A
SYNCHRONOUS PWM CONTROLLER
AP2014/A Rev. 5
8 of 14
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VCC
VCC Supply Voltage
20
V
Vc
Vc Supply Voltage (not rated for inductive load)
32
V
TST
Storage Temperature Range
-65 to +150
oC
TOP
Operating Junction Temperature Range
0 to +125
oC
θ
JC
Thermal Resistance Junction to Case
7
oC/W
θ
JA
Thermal Resistance Junction to Ambient
160
oC/W
Notes:
3. Test conditions for SOP-8L: Device mounted on 2oz copper, minimum recommended pad layout, FR-4 PCB.
Electrical Characteristics
Unless otherwise specified, these specifications apply over VCC=5V, VC=12V and TA=0 to 70°C. Typical values refer to TA =25°C. Low
duty cycle pulse testing is used which keeps junction and case temperatures equal to the ambient temperature.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Reference Voltage
VFB
FB Voltage
AP2014
1.225
1.25
1.275
V
AP2014A
0.784
0.800
0.816
LREG
FB Voltage Line Regulation
5 < Vcc < 12
-
0.2
0.35
%
UVLO
UVLO VCC
UVLO Threshold - VCC
Supply Ramping Up
4.0
4.2
4.4
V
UVLO Hysteresis - VCC
-
0.25
-
V
UVLO VC
UVLO Threshold - VC
Supply Ramping Up
3.1
3.3
3.5
V
UVLO Hysteresis - VC
-
0.2
-
V
UVLO FB
UVLO Threshold - FB
FB Ramping Down
(AP2014)
0.4
0.6
0.8
V
FB Ramping Down
(AP2014A)
0.3
0.4
0.5
V
UVLO Hysteresis - FB
-
0.1
-
V
Supply Current
Operation ICC
VCC Operation Supply Current
Freq=200KHz,
CL=1500pF
-
7
10
mA
Operation IC
VC Operation Supply Current
Freq=200KHz,
CL=1500pF
-
7
10
mA
ICCQ
VCC Static Supply Current
SS=0V
-
3.3
6
mA
ICQ
VC Static Supply Current
SS=0V
-
1
4.5
mA
Soft-Start Section
SSIB
Charge Current
SS=0V
10
20
30
μA
Error Amp
IFB1
FB Voltage Input Bias Current
SS=3V, FB=1V
-
-0.1
-
μA
IFB2
FB Voltage Input Bias Current
SS=0V, FB=1V
-
-64
-
μA
gm
Transconductance
450
600
750
μmho
Oscillator
Freq
Frequency
AP2014
170
200
230
KHz
AP2014A
340
400
460
KHz
VRAMP
Ramp-Amplitude Voltage
1.225
1.25
1.275
V
Output Drivers
Tr
Rise Time
CL =1500pF
-
50
100
ns
Tf
Fall Time
CL =1500pF
-
50
100
ns
TDB
Dead Band Time
50
150
250
ns
TON
Max Duty Cycle
FB=1V, Freq=200KHz
85
90
95
%
TOFF
Min Duty Cycle
FB=1.5V
0
0
-
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com