Electronic Components Datasheet Search
  English  ▼

X  

AP2181_0906 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP2181_0906
Description  1.5A SINGLE CHANNEL CURRENT-LIMITED POWER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2181_0906 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP2181_0906 Datasheet HTML 1Page - Diodes Incorporated AP2181_0906 Datasheet HTML 2Page - Diodes Incorporated AP2181_0906 Datasheet HTML 3Page - Diodes Incorporated AP2181_0906 Datasheet HTML 4Page - Diodes Incorporated AP2181_0906 Datasheet HTML 5Page - Diodes Incorporated AP2181_0906 Datasheet HTML 6Page - Diodes Incorporated AP2181_0906 Datasheet HTML 7Page - Diodes Incorporated AP2181_0906 Datasheet HTML 8Page - Diodes Incorporated AP2181_0906 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
AP2181/AP2191
1.5A SINGLE CHANNEL CURRENT-LIMITED POWER
SWITCH
AP2181/AP2191 Rev. 6
4 of 18
JUNE 2009
DS31563
www.diodes.com
© Diodes Incorporated
Functional Block Diagram
AP2181, AP2191
Thermal
Sense
Driver
FLG
OUT
GND
IN
EN
UVLO
Current
Limit
Current
Sense
Deglitch
Absolute Maximum Ratings
Symbol
Parameter
Ratings
Units
ESD HBM
Human Body Model ESD Protection
4
KV
ESD MM
Machine Model ESD Protection
for MSOP-8L-EP, SOT25 packages
400
V
Machine Model ESD Protection
for DFN2018-6, SOP-8L packages
300
V
VIN
Input Voltage
6.5
V
VOUT
Output Voltage
VIN + 0.3
V
VEN , VFLG
Enable Voltage
6.5
V
Iload
Maximum Continuous Load Current
Internal Limited
A
TJmax
Maximum Junction Temperature
150
°C
TST
Storage Temperature Range (Note 3)
-65 to 150
°C
Notes:
3. UL Recognized Rating from -30°C to 70°C (Diodes qualified
TST from -65°C to 150°C)
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Units
VIN
Input voltage
2.7
5.5
V
IOUT
Output Current
0
1.5
A
TA
Operating Ambient Temperature
-40
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com