Electronic Components Datasheet Search
  English  ▼

X  

AP2281 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP2281
Description  Single Slew Rate Controlled Load Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2281 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP2281_09 Datasheet HTML 1Page - Diodes Incorporated AP2281_09 Datasheet HTML 2Page - Diodes Incorporated AP2281_09 Datasheet HTML 3Page - Diodes Incorporated AP2281_09 Datasheet HTML 4Page - Diodes Incorporated AP2281_09 Datasheet HTML 5Page - Diodes Incorporated AP2281_09 Datasheet HTML 6Page - Diodes Incorporated AP2281_09 Datasheet HTML 7Page - Diodes Incorporated AP2281_09 Datasheet HTML 8Page - Diodes Incorporated AP2281_09 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AP2281
Single Slew Rate Programmable Load Switch
AP2281 Rev. 4
4 of 13
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Absolute Maximum Ratings
Symbol
Parameter
Ratings
Unit
ESD HBM
Human Body Model ESD Protection
5
KV
ESD MM
Machine Model ESD Protection
SOT26
500
V
DFN2018-6
450
V
VIN
Input Voltage
6.5
V
VOUT
Output Voltage
VIN + 0.3
V
VEN
Enable Voltage
6.5
V
Iload
Maximum Continuous Load Current
2
A
TJ
Operating Junction Temperature Range
-40 ~ 125
°C
TST
Storage Temperature Range
-65 ~ 150
°C
PD
Power Dissipation
SOT26 (Note 3, 4, 5)
720
mW
DFN2018-6 (Note 3, 4, 6)
1410
mW
Notes:
3. TJ, max =125°C.
4. Ratings apply to ambient temperature at 25°C.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VIN
Input voltage
1.5
6.0
V
IOUT
Output Current
0
2.0
A
TA
Operating Ambient Temperature
-40
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com