Electronic Components Datasheet Search
  English  ▼

X  

AP6015 Datasheet(PDF) 16 Page - Diodes Incorporated

Part # AP6015
Description  High Efficiency Step-Down Low Power DC-DC Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP6015 Datasheet(HTML) 16 Page - Diodes Incorporated

Back Button AP6015_09 Datasheet HTML 10Page - Diodes Incorporated AP6015_09 Datasheet HTML 11Page - Diodes Incorporated AP6015_09 Datasheet HTML 12Page - Diodes Incorporated AP6015_09 Datasheet HTML 13Page - Diodes Incorporated AP6015_09 Datasheet HTML 14Page - Diodes Incorporated AP6015_09 Datasheet HTML 15Page - Diodes Incorporated AP6015_09 Datasheet HTML 16Page - Diodes Incorporated AP6015_09 Datasheet HTML 17Page - Diodes Incorporated AP6015_09 Datasheet HTML 18Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
AP6015
High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 3
16 of 18
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Layout Considerations
A good board layout practice can significantly improve the stability of the application circuit and reduce the
system noise. The feedback path must be as short as possible. The input capacitor and bypass capacitor
must be placed close to the PVCC and the VCC pins for optimal performance. It is recommended that the
ground planes for System Ground / Power Ground / Analog Ground are isolated from each others, while they
should all be joined together at a common point. An example drawing of a circuit with good ground noise
performance is shown below.
9
5
4
8
6
3
10
2
1
Power Good
C2
10 uF
C1
10µF
V
I
V
O
L1
LX
FB
PG
PGND
PVCC
EN
VCC
GND
CC
AP6015
R3
680K
R1
C
CC
100 pF
R2
1µF
100 Ohm
Rcc
C3
The external inductor must be placed as close as possible to the switching node, i.e. the LX pin. The copper
traces on the pcb, where high peak switching current may flow through, should be kept ‘wide’ and ‘short’.
This results in low inductance and capacitance in the current path, hence ground shift problem is avoided and
system stability stay within bound.
Application Information
(Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com