Electronic Components Datasheet Search
  English  ▼

X  

AP7167 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP7167
Description  1.2A LOW DROPOUT REGULATOR WITH POK
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7167 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP7167_10 Datasheet HTML 1Page - Diodes Incorporated AP7167_10 Datasheet HTML 2Page - Diodes Incorporated AP7167_10 Datasheet HTML 3Page - Diodes Incorporated AP7167_10 Datasheet HTML 4Page - Diodes Incorporated AP7167_10 Datasheet HTML 5Page - Diodes Incorporated AP7167_10 Datasheet HTML 6Page - Diodes Incorporated AP7167_10 Datasheet HTML 7Page - Diodes Incorporated AP7167_10 Datasheet HTML 8Page - Diodes Incorporated AP7167_10 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AP7167
1.2A LOW DROPOUT REGULATOR WITH POK
AP7167
Document number: DS31252 Rev. 7 - 2
2 of 14
www.diodes.com
September 2010
© Diodes Incorporated
Typical Application Circuit
1µF
IN
GND
EN
OUT
Enable
FB
10µF
VIN
VOUT
POK
100kOhm
R1
R2
AP7167
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
=
2
R
1
R
1
REF
V
OUT
V
Pin Descriptions
Pin Name
Pin #
Description
DFN3030-10
SOP-8L-EP
IN
1, 2
1, 2
Voltage input pins, to be tied together externally. Bypass to ground
through at least 1µF capacitor.
POK
3
3
Power-OK output, active-high open-drain.
EN
5
4
Enable input, active high.
GND
6
5
Ground.
FB
8
6
Output feedback.
OUT
9, 10
7, 8
Voltage output pins, to be tied together externally. Bypass to ground
through at least 4.7µF ceramic capacitor.
NC
4, 7
NA
No connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com