Electronic Components Datasheet Search
  English  ▼

X  

AP7217 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP7217
Description  500mA CMOS LDO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7217 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP7217 Datasheet HTML 2Page - Diodes Incorporated AP7217 Datasheet HTML 3Page - Diodes Incorporated AP7217 Datasheet HTML 4Page - Diodes Incorporated AP7217 Datasheet HTML 5Page - Diodes Incorporated AP7217 Datasheet HTML 6Page - Diodes Incorporated AP7217 Datasheet HTML 7Page - Diodes Incorporated AP7217 Datasheet HTML 8Page - Diodes Incorporated AP7217 Datasheet HTML 9Page - Diodes Incorporated AP7217 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
AP7217
500mA CMOS LDO
AP7217
Document number: DS31292 Rev. 4 - 2
8 of 10
www.diodes.com
April 2010
© Diodes Incorporated
Application Note
Short circuit protection
When VRout pin is shorted to GND or VRout voltage is less than 200mV, short circuit protection will be triggered
and clamp the output current to approximately 50mA.
VDOUT (reset output)
---Open-Drain Active-Low reset output---
In general, VDOUT is pulled up by a resistor (100Kohm) to VIN. The AP7217 microprocess (uP) supervisory
circuitry asserts a guaranteed logic-low reset during power-up and power-down. Reset is asserted asserts when
VIN is below the reset threshold and remain asserted for at least tRP after VIN rises above the reset threshold.
As long as VIN is lower than the reset threshold, VDOUT remains at logic "0". When VIN become higher than VTH, a
logic "1" is asserted after a time delay defined by tRP.
Ordering Information
AP 7217 - 33 S G - 13
S : SOP-8L
Output voltage
Package
33 : 3.3V
Packing
Green
G : Green
13 : Tape & Reel
Device
Package
Code
Packaging
(Note 3)
13” Tape and Reel
Quantity
Part Number Suffix
AP7217-33SG-13
S
SOP-8L
2500/Tape & Reel
-13
Notes:
3. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Marking Information
( Top View )
7217-33
YY WW X X
Logo
Part Number
5
8
4
1
WW : Week : 01~52; 52
YY : Year : 08, 09,10~
G : Green
X : Internal Code
represents 52 and 53 week



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com