Electronic Components Datasheet Search
  English  ▼

X  

APX324 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # APX324
Description  LOW VOLTAGE, RAIL-TO-RAIL INPUT AND OUTPUT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APX324 Datasheet(HTML) 1 Page - Diodes Incorporated

  APX324 Datasheet HTML 1Page - Diodes Incorporated APX324 Datasheet HTML 2Page - Diodes Incorporated APX324 Datasheet HTML 3Page - Diodes Incorporated APX324 Datasheet HTML 4Page - Diodes Incorporated APX324 Datasheet HTML 5Page - Diodes Incorporated APX324 Datasheet HTML 6Page - Diodes Incorporated APX324 Datasheet HTML 7Page - Diodes Incorporated APX324 Datasheet HTML 8Page - Diodes Incorporated APX324 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
APX321/APX358/APX324
LOW VOLTAGE, RAIL-TO-RAIL INPUT AND OUTPUT
SINGLE/DUAL/QUAD OPERATIONAL AMPLIFIERS
APX321/APX358/APX324 Rev. 13
1 of 18
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
(For V
+=5V and V-=0V typical unless otherwise noted)
• Guaranteed 2.7V and 5V performance
• Crossover distortion eliminated
• Operating temperature range (-40°C to +85°C)
• Gain-bandwidth 1 MHz
• Low supply current
• APX321 110 µA Typ
• APX358 190 µA Typ
• APX324 340 µA Typ
• Rail-to-rail output swing @ 10 kΩ
• V+ -10 mV
• V- +10 mV
• Input Common Mode Voltage Range (0 to V+-0.2V)
• Manufactured in standard CMOS process
• SOT353, SOT25, MSOP-8L, SOP-8L and TSSOP-14L:
Available in “Green” Molding Compound (No Br, Sb)
• Lead-free Finish / RoHS Compliant (Note 4)
The APX321/APX358/APX324 are low voltage (2.5V to 5.5V)
single,
dual
and
quad
operational
amplifiers.
The
APX321/APX358/APX324 are designed to effectively reduce cost
and space at low voltage levels. These devices have the
capability of rail-to-rail output swing and input common-mode
voltage range. They can also achieve an efficient speed-to-power
ratio, utilizing 1 MHz bandwidth and 1 V/µs slew rate at a low
supply current. Reducing noise pickup and increasing signal
integrity can be achieved by placing the device close to the signal
source.
The APX321 is available in 5-Pin SOT353/SOT25
packages that reduce space on pc boards and portable
electronic devices. The APX324 is available in the TSSOP-14L
package. The APX358 is available in the MSOP-8L and SOP-8L
packages.
•
Active filters
•
General purpose low voltage applications
•
General purpose portable devices
APX3 XX XX G - 13
S : SOP8L
Part Number
Package
24 : Quad (Note 2)
Packing
Green
G : Green
58 : Dual (Note 3)
M8 : MSOP-8L
TS : TSSOP-14L
7/13 : Tape & Reel
21 : Single (Note 1)
SE : SOT353
W : SOT25
Device
Package
Code
Packaging
(Note 5)
7”/13” Tape and Reel
Quantity
Part Number Suffix
APX321WG-7
W
SOT25
3000/Tape & Reel
-7
APX321SEG-7
SE
SOT353
3000/Tape & Reel
-7
APX324TSG-13
TS
TSSOP-14L
2500/Tape & Reel
-13
APX358SG-13
S
SOP-8L
2500/Tape & Reel
-13
APX358M8G-13
M8
MSOP-8L
2500/Tape & Reel
-13
Notes:
1. APX321 is only available for SOT25 and SOT353.
2. APX324 is only available for TSSOP-14L.
3. APX358 is only available for SOP-8L and MSOP-8L.
4. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html
5. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Features
General Description
Applications
Ordering Information


Similar Part No. - APX324

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
APX339 DIODES-APX339 Datasheet
156Kb / 8P
LOW VOLTAGE RAIL-TO-RAIL INPUT DUAL/QUAD
APX393/APX339 Rev. 5
APX339TSG-13 DIODES-APX339TSG-13 Datasheet
156Kb / 8P
LOW VOLTAGE RAIL-TO-RAIL INPUT DUAL/QUAD
APX393/APX339 Rev. 5
APX393 DIODES-APX393 Datasheet
156Kb / 8P
LOW VOLTAGE RAIL-TO-RAIL INPUT DUAL/QUAD
APX393/APX339 Rev. 5
APX393M8G-13 DIODES-APX393M8G-13 Datasheet
156Kb / 8P
LOW VOLTAGE RAIL-TO-RAIL INPUT DUAL/QUAD
APX393/APX339 Rev. 5
APX393SG-13 DIODES-APX393SG-13 Datasheet
156Kb / 8P
LOW VOLTAGE RAIL-TO-RAIL INPUT DUAL/QUAD
APX393/APX339 Rev. 5
More results

Similar Description - APX324

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6582 NSC-LMC6582 Datasheet
678Kb / 19P
Low Voltage, Rail-To-Rail Input and Output CMOS Operational Amplifier
LMC6681 NSC-LMC6681 Datasheet
750Kb / 24P
Low Voltage, Rail-To-Rail Input and Output CMOS
logo
ON Semiconductor
LMV931 ONSEMI-LMV931 Datasheet
432Kb / 20P
Single and Dual Low Voltage, Rail-to-Rail Input and Output, Operational Amplifiers
April, 2010 ??Rev. 6
logo
Linear Technology
LTC6800 LINER-LTC6800_15 Datasheet
1Mb / 14P
Rail-to-Rail, Input and Output, Instrumentation Amplifier
logo
Microchip Technology
MCP6N11 MICROCHIP-MCP6N11 Datasheet
5Mb / 50P
Rail-to-Rail Input and Output
08/02/11
MCP6N16 MICROCHIP-MCP6N16 Datasheet
7Mb / 58P
Rail-to-Rail Input and Output
03/25/14
logo
Texas Instruments
TLV316 TI1-TLV316 Datasheet
1Mb / 35P
10-MHz, Rail-to-Rail Input/Output, Low-Voltage
logo
ON Semiconductor
LMV981 ONSEMI-LMV981_15 Datasheet
387Kb / 21P
Single and Dual Low Voltage, Rail-to-Rail Input and Output
October, 2015 ??Rev. 12
logo
STMicroelectronics
OA1NP STMICROELECTRONICS-OA1NP Datasheet
864Kb / 31P
Rail-to-rail input and output
March 2014 Rev 2
logo
Rohm
BD5291GWL ROHM-BD5291GWL Datasheet
1Mb / 28P
Input/Output Rail to Rail Low Input Offset Voltage Operational Amplifier
02.Sep.2022 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com