Electronic Components Datasheet Search
  English  ▼

X  

ATS137 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ATS137
Description  SINGLE HALL EFFECT SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ATS137 Datasheet(HTML) 4 Page - Diodes Incorporated

  ATS137 Datasheet HTML 1Page - Diodes Incorporated ATS137 Datasheet HTML 2Page - Diodes Incorporated ATS137 Datasheet HTML 3Page - Diodes Incorporated ATS137 Datasheet HTML 4Page - Diodes Incorporated ATS137 Datasheet HTML 5Page - Diodes Incorporated ATS137 Datasheet HTML 6Page - Diodes Incorporated ATS137 Datasheet HTML 7Page - Diodes Incorporated ATS137 Datasheet HTML 8Page - Diodes Incorporated ATS137 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ATS137
SINGLE HALL EFFECT SWITCH
ATS137 Rev. 10
4 of 12
FEBRUARY 2010
DS31045
www.diodes.com
© Diodes Incorporated
Recommended Operating Conditions
Symbol
Characteristic
Conditions
Min
Max
Unit
VCC
Supply Voltage
Operating
3.5
20
V
TA
Operating Ambient Temperature
Operating
-20
85
°C
Electrical Characteristics
(TA = + 25°C)
Symbol
Characteristic
Test Conditions
Min
Typ.
Max
Unit
Vce(SAT)
Output Saturation Voltage
VCC = 14V, ICC = 20mA
-
300
700
mV
Icex
Output Leakage Current
Vce = 14V, VCC = 14V
-
<
0.1
10
uA
ICC
Supply Current
VCC =20V, Output Open
-
5
10
mA
tr
Output Rise Time
VCC = 14V, RL = 820Ω,
CL = 20pF
-
0.3
1.5
us
tf
Output Falling Time
VCC = 14V, RL = 820Ω,
CL = 20pF
-
0.3
1.5
us
CL
14V
DO
RL = 820 Ohm
CL = 20 pF
RL
Test Circuit
Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com