Electronic Components Datasheet Search
  English  ▼

X  

ATS177 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # ATS177
Description  SINGLE OUTPUT HALL EFFECT LATCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ATS177 Datasheet(HTML) 6 Page - Diodes Incorporated

  ATS177 Datasheet HTML 1Page - Diodes Incorporated ATS177 Datasheet HTML 2Page - Diodes Incorporated ATS177 Datasheet HTML 3Page - Diodes Incorporated ATS177 Datasheet HTML 4Page - Diodes Incorporated ATS177 Datasheet HTML 5Page - Diodes Incorporated ATS177 Datasheet HTML 6Page - Diodes Incorporated ATS177 Datasheet HTML 7Page - Diodes Incorporated ATS177 Datasheet HTML 8Page - Diodes Incorporated ATS177 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ATS177
SINGLE OUTPUT HALL EFFECT LATCH
ATS177
Document number: DS31055 Rev. 6 - 2
6 of 9
www.diodes.com
July 2010
© Diodes Incorporated
Ordering Information
ATS177 - X X - X - X
Packing
7 : Tape & Reel
B : Bulk (Note 8)
A : Ammo Box (Note 7)
P : SIP-3L
Package
Lead Free
L : Lead Free
Magnetic
Characteristics
A or B
G : Green (Note 4)
Device
Package
Code
Packaging
(Note 5, 6)
Tube/Bulk
7” Tape and Reel
Ammo Box
Magnetic
Characteristics
Quantity
Part
Number
Suffix
Quantity
Part
Number
Suffix
Quantity
Part
Number
Suffix
ATS177-PL-A-A
P
SIP-3L
NA
NA
NA
NA
4000/Box
-A
A
ATS177-PL-A-B
P
SIP-3L
NA
NA
NA
NA
4000/Box
-A
B
ATS177-PG-A-A
P
SIP-3L
NA
NA
NA
NA
4000/Box
-A
A
ATS177-PG-A-B
P
SIP-3L
NA
NA
NA
NA
4000/Box
-A
B
ATS177-PL-B-A
P
SIP-3L
1000
-B
NA
NA
NA
NA
A
ATS177-PL-B-B
P
SIP-3L
1000
-B
NA
NA
NA
NA
B
ATS177-PG-B-A
P
SIP-3L
1000
-B
NA
NA
NA
NA
A
ATS177-PG-B-B
P
SIP-3L
1000
-B
NA
NA
NA
NA
B
Notes:
4. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.
5. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
6. Reverse taping as shown on Diodes Inc. Surface Mount (SMD) Packaging document AP02007, which can be found on our
website http://www.diodes.com/datasheets/ap02007.pdf.
7. Ammo Box is for SIP-3L Spread Lead.
8. Bulk is for SIP-3L Straight Lead.
Marking Information
(1) SIP-3L
177
Part Number
(Top View)
X : Internal Code : A~Z : Green
Y : Year : 0~9
WW : Week : 01~52, "52" represents
52 and 53 week
Y WW X
a~z : Lead Free



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com