Electronic Components Datasheet Search
  English  ▼

X  

7813 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 7813
Description  SMD 3 mm Square Sealed Rotary Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

7813 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  7813 Datasheet HTML 1Page - Bourns Electronic Solutions 7813 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
■ Single pole/double throw
■ Compatible with most surface mount
manufacturing processes
■ 50 or 2000 cycle rotational life
■ Tape and reel packaged
■ RoHS compliant* - see processing
information on lead free surface mount
components
7813 SMD 3 mm Square Sealed Rotary Switch
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex.
†“Fluorinert” is a registered trademark of 3M Co.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
Electrical Characteristics
Contact Rating
Maximum Current ..........100 mA max.
Maximum Voltage ........................16 V
Contact Timing ..................Non-shorting
Contact Resistance ........... 2 ohms max.
Insulation Resistance
............................. 100 megohms min.
Dielectric Strength.................... 250 VAC
General Characteristics
Switch Type ...................................SPDT
Operating Temperature Range
............................... -55 °C to +125 °C
Storage Temperature Range
............................... -55 °C to +125 °C
Seal Test ......................85 °C Fluorinert†
Mechanical Characteristics
Positions...............................................2
Adjustment Torque .......... .5 N-cm max.
Stop Strength .................. 1.8 N-cm min.
Environmental Characteristics
Shock ............................................. 20 G
0.1 ms max. discontinuity
Vibration ....................................... 100 G
0.1 ms max. discontinuity
Thermal Shock ........................(5 cycles)
-55 °C to +125 °C
Humidity
Insulation Resistance
............................... 10 megohms min.
Rotational Life
-051..................................... 50 Cycles
-023................................. 2000 Cycles
Standard Packaging
J................................... 1,000 pcs./reel
S ..................................... 200 pcs./reel
Product Dimensions
7813J
3.20 +0.40/-0.20
(.126 +.016/-.008)
ADJUSTMENT SLOT
WIDE
LONG
X
0.51
(.020)
1.93
(.076)
DEEP
X
2 PLCS
2 PLCS
2.30 ± 0.20
(.089 ± .008)
RECOMMENDED
LAND PATTERN
1.47 ± 0.15
(.058 ± .006)
1.30 ± 0.10
(.051 ± .004)
0.65 ± 0.10
(.026 ± .004)
C
CW
CCW
0.51
(.020)
2 PLCS
1.50 ± 0.15
(.059 ± .006)
REF.
0.58
(.023)
2.20 ± 0.20
(.087 ± .008)
0.15 ± 0.05
(.006 ± .002)
0.60
(.024)
4.50
(.177)
1.60
(.063)
0.65
(.026)
1.10
(.043)
1.60
(.063)
1.60
(.063)
0.65
(.026)
0.60
(.024)
1.10
(.043)
4B
3.50 ± 0.20
(.138 ± .008)
K
0
3.02
(.119)
1.93 ± 0.03
(.076 ± .001)
0.52 ± 0.03
(.021 ± .001)
0.51 ± 0.06
(.020 ± .002)
ADJUSTMENT SLOT
LONG X
WIDE X
DEEP
1
2
3
2.39
(.094)
2 PLCS
1.12
(.044)
2.62
(.103)
1.57
(.062)
RECOMMENDED
LAND PATTERN
3 PLCS
1.57
(.062)
3.71
(.146)
2.77
(.109)
5.35
(.211)
1.30
(.051)
0.15 ± 0.03
(.006 ± .001)
0.71 ± 0.20
(.028 ± .008)
1.15
(.045)
TYP
TYP
0.61 ± 0.20
(.024 ± .008)
2.39
(.094)
3.61
(.142)
7813S
DIMENSIONS:
MM
(INCHES)
TOLERANCES: ±2 EXCEPT WHERE NOTED.
2
C
1CW
3
CCW
How to Order
7813 J - 1 - 051 E
Model
Terminal
Switch Type
1 = SPDT
Rotational Life
-051 = 50 Cycles
-023 = 2000 Cycles
Embossed Tape
E = 1000 Pcs./180 mm Reel (J Style)
200 Pcs./180 mm Reel (S Style)


Similar Part No. - 7813

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7813 BOURNS-7813 Datasheet
140Kb / 2P
SMD 3 mm Square Sealed Rotary Switch
logo
List of Unclassifed Man...
7813 ETC2-7813 Datasheet
515Kb / 1P
QUICK-FIT TERMINALS
logo
Bourns Electronic Solut...
7813 BOURNS-7813 Datasheet
171Kb / 2P
SMD 3 mm Square Sealed Rotary Switch
logo
Alpha Wire
78130 ALPHAWIRE-78130 Datasheet
408Kb / 4P
24 (19/36) AWG Tinned Copper
logo
Wixroyd Group Ltd
78130 WIXROYD-78130 Datasheet
388Kb / 2P
Pull Handles - Aluminium for 19“ drawers and instrument panels
More results

Similar Description - 7813

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7813 BOURNS-7813 Datasheet
140Kb / 2P
SMD 3 mm Square Sealed Rotary Switch
7814 BOURNS-7814 Datasheet
145Kb / 2P
SMD 4 mm Square Sealed Rotary Switch
7829 BOURNS-7829 Datasheet
422Kb / 1P
6 mm Through-hole Sealed Rotary Switch
logo
Omron Electronics LLC
A6A OMRON-A6A Datasheet
614Kb / 6P
Sealed Rotary DIP Switch
A6CV OMRON-A6CV Datasheet
583Kb / 4P
Sealed Rotary DIP Switch
logo
Bourns Electronic Solut...
7814 BOURNS-7814_09 Datasheet
327Kb / 2P
SMD 4 mm Square Sealed Rotary Switch
7814 BOURNS-7814_11 Datasheet
300Kb / 1P
SMD 4 mm Square Sealed Rotary Switch
7813 BOURNS-7813_12 Datasheet
171Kb / 2P
SMD 3 mm Square Sealed Rotary Switch
logo
Panasonic Semiconductor
EVCX PANASONIC-EVCX Datasheet
97Kb / 2P
18 mm Square Rotary Potentiometers
logo
Bourns Electronic Solut...
7814J BOURNS-7814J Datasheet
299Kb / 1P
7814 SMD 4 mm Square Sealed Rotary Switch
Jan 27, 2003
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com