Electronic Components Datasheet Search
  English  ▼

X  

POSM-1542-C3310-R Datasheet(PDF) 1 Page - Projects Unlimited, Inc.

Part # POSM-1542-C3310-R
Description  Microphone
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUI [Projects Unlimited, Inc.]
Direct Link  http://www.pui.com
Logo PUI - Projects Unlimited, Inc.

POSM-1542-C3310-R Datasheet(HTML) 1 Page - Projects Unlimited, Inc.

  POSM-1542-C3310-R Datasheet HTML 1Page - Projects Unlimited, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Microphone
POSM-1542-C3310-R
J.D.
R.W.
B.R.
2/13/2008
-
Designed by
Checked by
Approved by
Drawn Date
1 / 1
Edition
Sheet
Date
2/13/2008
Date
2/13/2008
Date
2/13/2008
UNLESS OTHERWISE
SPECIFIED:
DIMENSIONS ARE IN
MILLIMETERS,
TOLERANCES
ARE ±0.5 AND
ANGLES ARE ±3°.
POSM-1542-C3310-R.idw
A3
SIZE
RIN
C
MEMS MIC
POWER
GND
OUTPUT
GND
INTERFACING CIRCUIT
(NOTE: CUSTOMER DEFINED)
POWER
REVISION HISTORY
LTR
DESCRIPTION
DATE
APPROVED
-
RELEASED FROM ENGINEERING
2/13/2008
SPECIFICATIONS
PARAMETERS
VALUES
UNITS
DIRECTIVITY
OMNI
-
SENSITIVTY
-42 ± 3
dB
STANDARD OPERATING VOLTAGE
2.1
Vdc
MAX OPERATING VOLTAGE
3.6
Vdc
CURRENT CONSUMPTION (MAX)
200
µA
IMPEDANCE (MAX)
100
Ohm
SIGNAL TO NOISE RATIO (MIN.)
55
dBA
INTERNAL CAPACITOR
33 & 10
pF
FREQUENCY RANGE
100 ~ 7,000
Hz
OPERATING TEMPERATURE
-40 ~ +100
°C
STORAGE TEMPERATURE
-40 ~ +100
°C
THIS DOCUMENT CONTAINS DATA PROPRIETARY TO
PROJECTS UNLIMITED, INC. ANY USE OR
REPRODUCTION, IN ANY FORM, WITHOUT PRIOR
WRITTEN PERMISSION OF PROJECTS UNLIMITED,
INC. IS PROHIBITED.
©2003, Projects Unlimited Inc.
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. SPECIFICATIONS SUBJECT TO CHANGE OR WITHDRAWL
WITHOUT NOTICE.
3. THIS PART IS RoHS 2002/95/EC COMPLIANT.
4. MAXIMUM OF 120dB INPUT SPL (FOR LESS THAN 0.5% DISTORTION).
5. OUTPUT SIGNAL @ 94dB SPL, 1KHz (-45dB/5.65mV,-40dB/10.04mV).
6. 1dB SENSITIVITY VARIATION OVER OPERATING RANGE (1.5-3.6V).
6.15
1.88
1.55
1.27
1.4
6
3.61
0.3
1.2
n1.02 SOUND HOLE
GND
OUTPUT
POWER
3.76
1.5
0.25
0.41
2.53
1.99


Similar Part No. - POSM-1542-C3310-R

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
POSM-1342RM-C3310-R PUI-POSM-1342RM-C3310-R Datasheet
322Kb / 1P
Microphone
More results

Similar Description - POSM-1542-C3310-R

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
AOM-4540L-R PUI-AOM-4540L-R Datasheet
55Kb / 1P
MICROPHONE
AOM-4544P-NF-R PUI-AOM-4544P-NF-R Datasheet
56Kb / 1P
MICROPHONE
AOM-5242L-R PUI-AOM-5242L-R Datasheet
55Kb / 1P
MICROPHONE
AOM-5538L-NF-R PUI-AOM-5538L-NF-R Datasheet
60Kb / 1P
MICROPHONE
POM-1644P-NF-R PUI-POM-1644P-NF-R Datasheet
58Kb / 1P
MICROPHONE
POM-1844P-C33-R PUI-POM-1844P-C33-R Datasheet
56Kb / 1P
MICROPHONE
POM-2240P-C33-R PUI-POM-2240P-C33-R Datasheet
56Kb / 1P
MICROPHONE
POM-2244P-2-R PUI-POM-2244P-2-R Datasheet
95Kb / 1P
MICROPHONE
POM-2246P-C33-R PUI-POM-2246P-C33-R Datasheet
56Kb / 1P
MICROPHONE
POM-2738L-R PUI-POM-2738L-R Datasheet
55Kb / 1P
MICROPHONE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com