Electronic Components Datasheet Search
  English  ▼

X  

SEC1201C Datasheet(PDF) 1 Page - Sanken electric

Part # SEC1201C
Description  3.0 횞 1.5 Surface Mount LEDs (Flat Lens Type)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SEC1201C Datasheet(HTML) 1 Page - Sanken electric

  SEC1201C Datasheet HTML 1Page - Sanken electric SEC1201C Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
253
LEDs
■3.0 × 1.5 Surface Mount LEDs (Flat Lens Type)
SEC1001 Series
Ultrahigh
luminosity
High
luminosity
SEC1101C
Deep red
Water clear
2.0
2.5
10
1.5
20
700
10
625
10
100
10
GaP
SEC1601C
High luminosity red
Water clear
1.7
2.2
10
25
20
660
10
642
10
30
10
GaAlAs
SEC1201C
Red
Water clear
1.9
2.5
10
10
20
630
10
620
10
35
10
GaAsP
SEC1801C
Amber
Water clear
1.9
2.5
10
16
20
610
10
605
10
35
10
GaAsP
SEC1901C
Orange
Water clear
1.9
2.5
10
13
20
587
10
590
10
33
10
GaAsP
SEC1701C-YG
Yellow
Water clear
2.0
2.5
10
25
20
570
10
571
10
30
10
GaP
SEC1401C
Green
Water clear
2.0
2.5
10
22
20
560
10
567
10
20
10
GaP
SEC1401E-TG
Deep green
Transparent green
2.0
2.5
10
11
20
558
10
564
10
20
10
GaP
SEC1501C
Pure green
Water clear
2.0
2.5
10
8.0
20
555
10
559
10
20
10
GaP
SEC1E01C
Blue
Water clear
3.9
4.8
20
6.0
20
430
20
466
20
65
20
GaN
SECU1701C
Yellow
Water clear
2.1
2.5
20
50
20
572
20
571
20
15
20
AlGaInP
SECU1401C-S
Green
Water clear
2.1
2.5
20
13
20
562
20
562
20
12
20
AlGaInP
SECU1401C-TG
Green
Water clear
2.1
2.5
20
25
20
564
20
564
20
12
20
AlGaInP
SECK1E01C-D
Blue
Water clear
3.6
4.0
20
30
20
468
20
470
20
30
20
GaN on Si
SECK1WA01Y-D
White
Diffused yellow
3.6
4.0
20
60
20
Chromaticity: x=0.316, y=0.322
GaN on Si
SECK1WC01Y-D
Bulb Light
Diffused yellow
3.6
4.0
20
45
20
Chromaticity: x=0.453, y=0.400
GaN on Si
SECK1WD01G-D
Fancy blue green Diffused green
3.6
4.0
20
50
20
Chromaticity: x=0.155, y=0.291
GaN on Si
SECK1WH01G-D
Fancy green
Diffused green
3.6
4.0
20
75
20
Chromaticity: x=0.224, y=0.403
GaN on Si
SECU1901C-S
Orange
Water clear
2.0
2.5
10
30
10
590
10
590
10
15
10
AlGaInP
SECT1D01C-S
Pure green
Water clear
3.3
4.0
20
180
20
515
20
520
20
35
20
InGaN
SECT1E01C-S
Blue
Water clear
3.3
4.0
20
50
20
460
20
465
20
25
20
InGaN
Lens Color
Forward Voltage
Luminous Intensity
Peak Wavelength
Dominant Wavelength Spectrum Half Bandwidth
Chip
Material
VF
(V)
TYP
TYP
TYP
TYP
TYP
MAX
Conditions
IF (mA)
Iv
(mcd)
Conditions
IF (mA)
λP
(nm)
Conditions
IF (mA)
∆λ
(nm)
Conditions
IF (mA)
λd
(nm)
Conditions
IF (mA)
Part Number
Emitting Color
*
*
*Mass production in preparation
1.5
Cathode
mark
0.9
(0.5)
1.4
Resin
P.C.B.
Anode
Cathode
1.3
90
°
60
°
30
°
0
°
90
°
60
°
30
°
0
50
100%
50
100%
Directional Characteristics (representative example)
External Dimensions
(Unit: mm)
Product Mass: Approx. 0.008 g
Dimensional Tolerance:
±0.3
5-1-3 Unicolor surface mount


Similar Part No. - SEC1201C

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SEC1201C SANKEN-SEC1201C Datasheet
24Kb / 1P
3x1.5 Surface Mount LED (Flat Lens)
SEC1201C SANKEN-SEC1201C Datasheet
198Kb / 10P
3.0*1.5 Surface Mount LED
More results

Similar Description - SEC1201C

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SEC1G03C SANKEN-SEC1G03C Datasheet
416Kb / 1P
3 횞 1.5 Surface Mount Infrared LEDs (Inner Lens Type)
SEC1003 SANKEN-SEC1003_08 Datasheet
426Kb / 2P
3.0 횞 1.5 Surface Mount LEDs (Inner Lens Type)
SEC2004 SANKEN-SEC2004_08 Datasheet
429Kb / 2P
3.0 횞 2.5 Surface Mount LEDs with Two Elements (Inner Lens Type)
SEC1401C SANKEN-SEC1401C Datasheet
198Kb / 10P
3.0*1.5 Surface Mount LED
SEC1401E-TG SANKEN-SEC1401E-TG Datasheet
199Kb / 10P
3.0*1.5 Surface Mount LED
SEC1403E-TG SANKEN-SEC1403E-TG Datasheet
188Kb / 10P
3.0*1.5 Surface Mount LED
SECU1401C-TG SANKEN-SECU1401C-TG Datasheet
193Kb / 10P
3.0*1.5 Surface Mount LED
logo
Rohm
SML-S13VT ROHM-SML-S13VT Datasheet
326Kb / 12P
Surface mount Lens LEDs
SML-S13RT ROHM-SML-S13RT Datasheet
874Kb / 10P
Surface mount Lens LEDs
SML-S1X ROHM-SML-S1X Datasheet
1,002Kb / 12P
Surface mount Lens LEDs
2021.11 - Rev.014
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com