Electronic Components Datasheet Search
  English  ▼

X  

SEC2004 Datasheet(PDF) 1 Page - Sanken electric

Part # SEC2004
Description  3.0 횞 2.5 Surface Mount LEDs with Two Elements (Inner Lens Type)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SEC2004 Datasheet(HTML) 1 Page - Sanken electric

  SEC2004_08 Datasheet HTML 1Page - Sanken electric SEC2004_08 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
256
LEDs
■3.0 × 2.5 Surface Mount LEDs with Two Elements (Inner Lens Type)
SEC2004 Series
Part Number
Emitting Color
Lens Color
Forward Voltage
Luminous Intensity
Peak Wavelength
Dominant Wavelength Spectrum Half Bandwidth
Chip
Material
VF
(V)
TYP
TYP
TYP
TYP
TYP
MAX
Conditions
IF (mA)
Iv
(mcd)
Conditions
IF (mA)
λP
(nm)
Conditions
IF (mA)
∆λ
(nm)
Conditions
IF (mA)
λd
(nm)
Conditions
IF (mA)
SEC2764C
A: High luminosity red
Water clear
1.7
2.2
10
50
20
660
10
642
10
30
10
GaAlAs
B: Yellow
2.0
2.5
10
50
20
570
10
571
10
30
10
GaP
SEC2484C
A: Amber
Water clear
1.9
2.5
10
20
20
610
10
605
10
35
10
GaAsP
B: Green
2.0
2.5
10
30
20
560
10
567
10
20
10
GaP
SEC2494C
A: Orange
Water clear
1.9
2.5
10
20
20
587
10
590
10
33
10
GaAsP
B: Green
2.0
2.5
10
30
20
560
10
567
10
20
10
GaP
SEC2774C
A: Yellow
Water clear
2.0
2.5
10
50
20
570
10
571
10
30
10
GaP
B: Yellow
2.0
2.5
10
50
20
570
10
571
10
30
10
GaP
SEC2554C
A: Pure green
Water clear
2.0
2.5
10
10
20
555
10
559
10
20
10
GaP
B: Pure green
2.0
2.5
10
10
20
555
10
559
10
20
10
GaP
2.5
1.5
0.8
1.8
1.4±
0.1
0.9
0.6±
0.1
Lens
P.C.B.
Anode
Cathode
Cathode
mark
0.9
(0.5)
Resin
90
°
60
°
30
°
0
°
90
°
60
°
30
°
0
50
100%
50
100%
BA
Internal Circuit Drawing
Directional Characteristics (representative example)
External Dimensions
(Unit: mm)
Product Mass: Approx. 0.013 g
Dimensional Tolerance:
±0.3
5-1-4 Bicolor surface mount


Similar Part No. - SEC2004_08

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SEC2004 SANKEN-SEC2004 Datasheet
28Kb / 1P
3x2.5 Bicolor Surface Mount LED (Inner Lens)
More results

Similar Description - SEC2004_08

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SEC1003 SANKEN-SEC1003 Datasheet
24Kb / 1P
3x1.5 Surface Mount LED (Inner Lens)
logo
STANLEY ELECTRIC CO.,LT...
AN1102W STANLEY-AN1102W Datasheet
183Kb / 10P
Surface Mount IRED/Inner Lens Type
logo
Sanken electric
SEC1G03C SANKEN-SEC1G03C Datasheet
416Kb / 1P
3 횞 1.5 Surface Mount Infrared LEDs (Inner Lens Type)
SEC3M00 SANKEN-SEC3M00 Datasheet
436Kb / 2P
Surface Mount LEDs with Three Elements
SEC1001 SANKEN-SEC1001_08 Datasheet
427Kb / 2P
3.0 횞 1.5 Surface Mount LEDs (Flat Lens Type)
SEC1003 SANKEN-SEC1003_08 Datasheet
426Kb / 2P
3.0 횞 1.5 Surface Mount LEDs (Inner Lens Type)
SEC4003 SANKEN-SEC4003 Datasheet
438Kb / 2P
Side View Surface Mount LEDs (Inner Lens Type)
logo
STANLEY ELECTRIC CO.,LT...
DNK1102W STANLEY-DNK1102W Datasheet
288Kb / 17P
Surface Mount IRED/Inner Lens Type
DNK1101W STANLEY-DNK1101W Datasheet
544Kb / 14P
Surface Mount IRED/Inner Lens Type
DN1102W STANLEY-DN1102W Datasheet
193Kb / 10P
Surface Mount IRED/Inner Lens Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com