Electronic Components Datasheet Search
  English  ▼

X  

BAV99 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAV99
Description  DUAL SURFACE MOUNT SWITCHING DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAV99 Datasheet(HTML) 1 Page - Diodes Incorporated

  BAV99_10 Datasheet HTML 1Page - Diodes Incorporated BAV99_10 Datasheet HTML 2Page - Diodes Incorporated BAV99_10 Datasheet HTML 3Page - Diodes Incorporated BAV99_10 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAV99
Document number: DS12007 Rev. 20 - 2
1 of 4
www.diodes.com
April 2010
© Diodes Incorporated
BAV99
DUAL SURFACE MOUNT SWITCHING DIODE
Features
•
Fast Switching Speed
•
Surface Mount Package Ideally Suited for Automated Insertion
•
For General Purpose Switching Applications
•
High Conductance
•
Lead Free/RoHS Compliant (Note 3)
•
"Green" Device (Note 4)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: SOT-23
•
Case Material: Molded Plastic, “Green” Molding Compound
(Note 4). UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Matte Tin Finish annealed over Alloy 42 leadframe
(Lead Free Plating). Solderable per MIL-STD-202, Method 208
•
Polarity: See Diagram
•
Marking Information: See Page 2
•
Ordering Information: See Page 2
•
Weight: 0.008 grams (approximate)
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Non-Repetitive Peak Reverse Voltage
VRM
100
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
75
V
RMS Reverse Voltage
VR(RMS)
53
V
Forward Continuous Current (Note 1)
IFM
300
mA
Non-Repetitive Peak Forward Surge Current
@ t = 1.0
μs
@ t = 1.0s
IFSM
2.0
1.0
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 1)
PD
350
mW
Thermal Resistance Junction to Ambient Air (Note 1)
RθJA
357
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 2)
V(BR)R
75
⎯
V
IR = 2.5μA
Forward Voltage
VF
⎯
0.715
0.855
1.0
1.25
V
IF = 1.0mA
IF = 10mA
IF = 50mA
IF = 150mA
Reverse Current (Note 2)
IR
⎯
2.5
50
30
25
μA
μA
μA
nA
VR = 75V
VR = 75V, TJ = 150°C
VR = 25V, TJ = 150°C
VR = 20V
Total Capacitance
CT
⎯
2.0
pF
VR = 0, f = 1.0MHz
Reverse Recovery Time
trr
⎯
4.0
ns
IF = IR = 10mA,
Irr = 0.1 x IR, RL = 100Ω
Notes:
1. Part mounted on Polymide PC board with pad dimensions 1.13mm x 1.27mm.
2. Short duration pulse test used to minimize self-heating effect.
3. No purposefully added lead.
4. Product manufactured with Data Code 9W (week 39, 2009) and newer are built with Green Molding Compound. Product manufactured prior to Date
Code 9W are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
TOP VIEW
SOT-23
Internal Schematic
TOP VIEW
Please click here to visit our online spice models database.


Similar Part No. - BAV99_10

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAV99-13-F DIODES-BAV99-13-F Datasheet
180Kb / 4P
DUAL SURFACE MOUNT SWITCHING DIODE
Rev 25
BAV99-13-F DIODES-BAV99-13-F Datasheet
180Kb / 4P
DUAL SURFACE MOUNT SWITCHING DIODE
Rev 25
BAV99-13-F DIODES-BAV99-13-F Datasheet
339Kb / 4P
DUAL SURFACE MOUNT SWITCHING DIODE
Rev 26
logo
Chenmko Enterprise Co. ...
BAV99N1PT CHENMKO-BAV99N1PT Datasheet
85Kb / 2P
SWITCHING DIODE VOLTAGE 85 Volts CURRENT 0.15 Ampere
logo
First Components Intern...
BAV99 FCI-BAV99_1 Datasheet
81Kb / 1P
HIGH - SPEED SWITCHING DIODES LOW FORWARD VOLTAGE
More results

Similar Description - BAV99_10

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAV99W TRSYS-BAV99W Datasheet
147Kb / 2P
DUAL SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAV99W DIODES-BAV99W Datasheet
59Kb / 3P
DUAL SURFACE MOUNT SWITCHING DIODE
DS30045 Rev. 2 - 2
MMBD7000 DIODES-MMBD7000_08 Datasheet
119Kb / 3P
DUAL SURFACE MOUNT SWITCHING DIODE
DS12025 Rev. 8 - 2
logo
Unisonic Technologies
BAW56W UTC-BAW56W_11 Datasheet
111Kb / 2P
DUAL SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
1SS361UDJ DIODES-1SS361UDJ Datasheet
116Kb / 4P
DUAL SURFACE MOUNT SWITCHING DIODE
Rev erse
logo
Shenzhen Luguang Electr...
BAV70 LUGUANG-BAV70 Datasheet
206Kb / 2P
Dual Surface Mount Switching Diode
logo
Diodes Incorporated
BAV23 DIODES-BAV23 Datasheet
79Kb / 4P
DUAL SURFACE MOUNT SWITCHING DIODE
Rev erse
BAS116UDJ DIODES-BAS116UDJ_15 Datasheet
92Kb / 4P
DUAL SURFACE MOUNT SWITCHING DIODE
Rev 3
logo
Galaxy Semi-Conductor H...
BAV74 BILIN-BAV74_17 Datasheet
126Kb / 3P
Dual surface mount switching diode
logo
Diodes Incorporated
BAW101 DIODES-BAW101_17 Datasheet
277Kb / 5P
DUAL SURFACE MOUNT SWITCHING DIODE
Rev erse
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com