Electronic Components Datasheet Search
  English  ▼

X  

LM3464 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3464
Description  LED Driver with Dynamic Headroom Control and Thermal Control Interfaces
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3464 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM3464 Datasheet HTML 13Page - National Semiconductor (TI) LM3464 Datasheet HTML 14Page - National Semiconductor (TI) LM3464 Datasheet HTML 15Page - National Semiconductor (TI) LM3464 Datasheet HTML 16Page - National Semiconductor (TI) LM3464 Datasheet HTML 17Page - National Semiconductor (TI) LM3464 Datasheet HTML 18Page - National Semiconductor (TI) LM3464 Datasheet HTML 19Page - National Semiconductor (TI) LM3464 Datasheet HTML 20Page - National Semiconductor (TI) LM3464 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
30115061
FIGURE 13. Additional Voltage Clamping Circuits for V
RAIL(peak) > 80V/95V (LM3464/64A)
APPLICATIONS WITH HIGH RAIL VOLTAGE
The normal operation voltage of the LM3464 and LM3464A
are rated to 80V and 95V respectively, applying voltage over
the operation voltage limit to the LM3464/64A can damage
the device permanently. In applications that the rail voltage is
higher than the operation voltage limited of the device (80V
for LM3464, 95V for LM3464A), voltage clamping circuits
must be added externally to ensure the voltage limits of all the
pins of the LM3464/64A are not violated. Figure 13 shows a
typical application circuit with 150V peak rail voltage.
In figure 13, Z
1, Z2, Z3, Z4 and ZIN are zener diodes for clamp-
ing the DRx pin voltage and input voltage (VIN pin) of the
LM3464/64A. The reverse voltage of the zener diodes must
be below 80V for LM3464 and 95V for LM3464A. The resis-
tors R
DR1, RDR2, RDR3, RDR4 and RIN are resistors for absorb-
ing the voltage difference between the clamping voltage of the
zener diodes and the rail voltage.
Calculating the Values of Z
x and RDRx:
The resistance of the R
DRx must be properly selected accord-
ing to the reverse current of the zener diode and input current
of the DRx pins of the LM3464/64A to secure the allowable
pin voltages are not violated. For instant, the DRx pins are
required to clamp at 75V and a 500mW/75V zener diode
CMHZ5267B from Central Semiconductor is used. The re-
verse current of the CMHZ5267B is specified 1.7mA at 75V
zener voltage. The maximum allowable reverse current is
6.67mA as the power rating of the CMHZ5276B is 500mW.
Given that the input current of the DRx pins of the
LM3464/64A at 100V is 63uA maximum, if the DRx pin volt-
age is below 100V the current flows into the DRx pin (I
DRx) is
below 63uA. In order to reserve operation margin for compo-
nent variations, I
DRx is assumed equal to 63uA in the following
calculations.
Because V
RAIL(peak) is the possible highest voltage at the DRx
pins, the maximum resistance of R
DRx can be obtained fol-
lowing this equation:
Where V
Z and IZ are the reverse voltage and current of the
zener diode Zx respectively.
17
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com