Electronic Components Datasheet Search
  English  ▼

X  

BZX84C8V2 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BZX84C8V2
Description  350mW SURFACE MOUNT ZENER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BZX84C8V2 Datasheet(HTML) 1 Page - Diodes Incorporated

  BZX84C8V2 Datasheet HTML 1Page - Diodes Incorporated BZX84C8V2 Datasheet HTML 2Page - Diodes Incorporated BZX84C8V2 Datasheet HTML 3Page - Diodes Incorporated BZX84C8V2 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BZX84C2V4 - BZX84C39
Document number: DS18001 Rev. 28 - 2
1 of 4
www.diodes.com
April 2010
© Diodes Incorporated
BZX84C2V4 - BZX84C39
350mW SURFACE MOUNT ZENER DIODE
Features
•
Planar Die Construction
•
350mW Power Dissipation
•
Zener Voltages from 2.4V - 39V
•
Ideally Suited for Automated Assembly Processes
•
Lead, Halogen and Antimony Free, RoHS Compliant "Green"
Device (Notes 3 and 4)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: SOT-23
•
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Matte Tin Finish annealed over Alloy 42 leadframe
(Lead Free Plating). Solderable per MIL-STD-202, Method 208
•
Polarity: See Diagram
•
Marking Information: See Page 3
•
Ordering Information: See Page 3
•
Weight: 0.008 grams (approximate)
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Forward Voltage
@ IF = 10mA
VF
0.9
V
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation
(Note 1)
PD
300
mW
Power Dissipation
(Note 2)
PD
350
mW
Thermal Resistance, Junction to Ambient Air
(Note 1)
RθJA
417
°C/W
Thermal Resistance, Junction to Ambient Air
(Note 2)
RθJA
357
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Notes:
1. Device mounted on FR-4 PC board with recommended pad layout, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
2. Valid provided the terminals are kept at ambient temperature.
3. No purposefully added lead. Halogen and Antimony Free.
4. Product manufactured with Data Code OW (week 42, 2009) and newer are built with Green Molding Compound. Product manufactured prior to Date
Code OW are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
Top View
Device Schematic
Please click here to visit our online spice models database.


Similar Part No. - BZX84C8V2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX84C8V2 VISHAY-BZX84C8V2 Datasheet
70Kb / 5P
350 mW Surface Mount Zener Diodes
01-Apr-99
logo
Won-Top Electronics
BZX84C8V2 WTE-BZX84C8V2 Datasheet
56Kb / 4P
350mW SURFACE MOUNT ZENER DIODE
logo
Rectron Semiconductor
BZX84C8V2 RECTRON-BZX84C8V2 Datasheet
20Kb / 2P
SURFACE MOUNT ZENER DIODE
logo
Jinan Gude Electronic D...
BZX84C8V2 JGD-BZX84C8V2 Datasheet
100Kb / 1P
SURFACE MOUNT ZENER DIODES/SOT-23
logo
Fairchild Semiconductor
BZX84C8V2 FAIRCHILD-BZX84C8V2 Datasheet
197Kb / 6P
Series Zeners
More results

Similar Description - BZX84C8V2

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ5221B DIODES-MMBZ5221B Datasheet
66Kb / 3P
350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 7 - 2
BZX84C2V4 DIODES-BZX84C2V4_1 Datasheet
447Kb / 4P
350mW SURFACE MOUNT ZENER DIODE
DS18001 Rev. 25 - 2
BZX84C43 DIODES-BZX84C43_1 Datasheet
350Kb / 3P
350mW SURFACE MOUNT ZENER DIODE
DS30370 Rev. 5 - 2
logo
Won-Top Electronics
MMBZ5221B WTE-MMBZ5221B Datasheet
76Kb / 4P
350mW SURFACE MOUNT ZENER DIODE
logo
Shenzhen Ping Sheng Ele...
BZX84C2V4 PFS-BZX84C2V4 Datasheet
225Kb / 5P
350mW Surface Mount Zener Diode
logo
Diodes Incorporated
MMBZ5221B DIODES-MMBZ5221B_10 Datasheet
88Kb / 5P
350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 21 - 2
BZX84C2V4 DIODES-BZX84C2V4_12 Datasheet
103Kb / 5P
350mW SURFACE MOUNT ZENER DIODE
Rev 30
BZX84C12-7 DIODES-BZX84C12-7 Datasheet
197Kb / 5P
350mW SURFACE MOUNT ZENER DIODE
Rev 32
BZX84C18-7 DIODES-BZX84C18-7 Datasheet
197Kb / 5P
350mW SURFACE MOUNT ZENER DIODE
Rev 32
BZX84C2V4 DIODES-BZX84C2V4_15 Datasheet
197Kb / 5P
350mW SURFACE MOUNT ZENER DIODE
Rev 32
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com