Electronic Components Datasheet Search
  English  ▼

X  

STR6253 Datasheet(PDF) 2 Page - Sanken electric

Part # STR6253
Description  Power IC for PWM Type Switching Power Supply with Low Noise and Low Standby Power
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR6253 Datasheet(HTML) 2 Page - Sanken electric

  STR6253 Datasheet HTML 1Page - Sanken electric STR6253 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SANKEN ELECTRIC CO.,LTD.
Warning
The contents in this document are subject to changes, for improvement and other purposes, without notice.
Make sure that this is the latest version of the document before use.
The operation and circuit examples in this document are provided for reference purposes only. Sanken assumes no liability for violation of industrial property, intellectual property, or other rights of
Sanken or third parties, that stem from these examples.
The user must take responsibility for considering and determining which objects the products in this document are used with.
Although Sanken will continue to improve the quality and reliability of its products,
semiconductor products, by their nature, have certain fault and failure rates. The user must take responsibility for designing and checking to secure the device and system so that a part failure may not lead
to human injury, fire, damages, or other losses.
The contents in this document must not be transcribed or copied without Sanken’s written consent.
2010/08
効率η-出力電流Io
0
10
20
30
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
2.5
出力電流Io[A]
AC120V
AC230V
■
■
■
■ Typical Application Circuit
■
■
■
■ Typical Electrical Characteristics
STR-W6251D Power Supply Characteristics
Input: 85 - 264VAC, POUT: 10W (5V/2A)
C
CC
Co
oo
on
nn
nt
tt
t.
.
.
.
1
11
1
3
33
3
6
66
6
7
77
7
S
SS
ST
TT
TR
RR
R-
--
-W
WW
W6
66
62
22
20
00
00
00
0D
DD
D
P
PP
PC
CC
C2
22
2
P
PP
PC
CC
C1
11
1
P
PP
PC
CC
C1
11
1
S
SS
S/
//
/O
OO
OC
CC
CP
PP
P
D
DD
D/
//
/S
SS
ST
TT
T
V
VV
Vc
cc
cc
cc
c
F
FF
FB
BB
B
G
GG
GN
NN
ND
DD
D
F
FF
FM
MM
M/
//
/E
EE
EL
LL
LP
PP
P
4
44
4
5
55
5
P
PP
PC
CC
C2
22
2
G
GG
GN
NN
ND
DD
D
V
VV
VOOOOUUUUTTTT
E
EE
Ex
xx
xt
tt
te
ee
er
rr
rn
nn
na
aa
al
ll
l L
LL
La
aa
at
tt
tc
cc
ch
hh
h S
SS
Si
ii
ig
gg
gn
nn
na
aa
al
ll
l
V
VV
VA
AA
AC
CC
C
0
0.5
1.0
1.5
2.0
2.5
Output Current IOUT (A)
100
90
80
70
60
50
40
30
20
10
0
入力電力Pin-出力電力Po
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.0
0.1
0.2
0.3
0.4
0.5
出力電力Po [W]
AC120V
AC230V
0
0.1
0.2
0.3
0.4
0.5
Output Power POUT (W)
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
Efficiency η
η
η
η-
-
-
- Output Current I
OUT
Input Power PIN-
-
-
- Output Power P
OUT
120VAC
230VAC
120VAC
230VAC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com