Electronic Components Datasheet Search
  English  ▼

X  

XRP7713 Datasheet(PDF) 13 Page - Exar Corporation

Part # XRP7713
Description  Three Channel Digital PWM Step Down Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP7713 Datasheet(HTML) 13 Page - Exar Corporation

Back Button XRP7713 Datasheet HTML 9Page - Exar Corporation XRP7713 Datasheet HTML 10Page - Exar Corporation XRP7713 Datasheet HTML 11Page - Exar Corporation XRP7713 Datasheet HTML 12Page - Exar Corporation XRP7713 Datasheet HTML 13Page - Exar Corporation XRP7713 Datasheet HTML 14Page - Exar Corporation XRP7713 Datasheet HTML 15Page - Exar Corporation XRP7713 Datasheet HTML 16Page - Exar Corporation XRP7713 Datasheet HTML 17Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
X
XR
RP
P7
77
71
13
3
T
Th
hrreeee C
Ch
ha
an
nn
neell D
Diig
giitta
all P
PW
WM
M S
Stteep
p D
Do
ow
wn
n C
Co
on
nttrro
olllleerr
© 2010 Exar Corporation
13/29
Rev. 1.1.1
For those using active 3.3V or 5V logic on the Enable pin an RC delay from VCCA to the Enable pin
may be used. When using an RC delay from VCCA, attention must be paid to the amount of
bypass capacitance loading AVDD since it will delay the time it takes for AVDD to power up and
regulate. The AVDD and DVDD pins do not require more than 2.2uF for proper bypassing. See
Figure 21 for the recommended components for sequencing the Enable pin through an RC delay
from VCCA. If more capacitance is added to AVDD and DVDD, the time constant must be
increased. Once Enable is asserted, an internal CHIP_READY flag goes high and enables the I2C to
acknowledge the Host’s serial commands. Channels that are configured as always-on channels are
enabled. Channels that are configured to be enabled by GPIOs are also enabled if the respective
GPIO is asserted.
Enable
Pin
VCCA
10K
.1uF
Fig. 202: RC Delay for Enable taken from VCCA
In almost all cases, a simple check will ensure proper sequencing has been achieved. VCCA
regulates at approximately 4.6V when the Enable pin is logic level low and at 5.1V when Enable is
asserted. VCCA will typically power up and regulate before AVDD and because the internal logic is
not yet powered up there is no internal shutdown signal, it will regulate at 5.1V. Once AVDD has
reached sufficient voltage (and Enable is low) it will assert the internal shutdown signal and VCCA
will reduce its regulated voltage to 4.6V. When the Enable is asserted, the chip will power up and
VCCA will regulate at 5.1V. If our device is sequenced properly, VCCA will achieve 5.1V then drop
down to 4.6V and toggle back to 5.1V. See Figure 22 for an example.
Fig. 213: VCCA (green) Startup Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com