Electronic Components Datasheet Search
  English  ▼

X  

STM8L152C6Y3 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STM8L152C6Y3
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L152C6Y3 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STM8L152C6Y3 Datasheet HTML 17Page - STMicroelectronics STM8L152C6Y3 Datasheet HTML 18Page - STMicroelectronics STM8L152C6Y3 Datasheet HTML 19Page - STMicroelectronics STM8L152C6Y3 Datasheet HTML 20Page - STMicroelectronics STM8L152C6Y3 Datasheet HTML 21Page - STMicroelectronics STM8L152C6Y3 Datasheet HTML 22Page - STMicroelectronics STM8L152C6Y3 Datasheet HTML 23Page - STMicroelectronics STM8L152C6Y3 Datasheet HTML 24Page - STMicroelectronics STM8L152C6Y3 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 122 page
background image
STM8L151xx, STM8L152xx
Functional overview
Doc ID 15962 Rev 5
21/122
3.13.1
TIM1 - 16-bit advanced control timer
This is a high-end timer designed for a wide range of control applications. With its
complementary outputs, dead-time control and center-aligned PWM capability, the field of
applications is extended to motor control, lighting and half-bridge driver.
●
16-bit up, down and up/down autoreload counter with 16-bit prescaler
●
3 independent capture/compare channels (CAPCOM) configurable as input capture,
output compare, PWM generation (edge and center aligned mode) and single pulse
mode output
●
1 additional capture/compare channel which is not connected to an external I/O
●
Synchronization module to control the timer with external signals
●
Break input to force timer outputs into a defined state
●
3 complementary outputs with adjustable dead time
●
Encoder mode
●
Interrupt capability on various events (capture, compare, overflow, break, trigger)
3.13.2
16-bit general purpose timers
●
16-bit autoreload (AR) up/down-counter
●
7-bit prescaler adjustable to fixed power of 2 ratios (1…128)
●
2 individually configurable capture/compare channels
●
PWM mode
●
Interrupt capability on various events (capture, compare, overflow, break, trigger)
●
Synchronization with other timers or external signals (external clock, reset, trigger and
enable)
3.13.3
8-bit basic timer
The 8-bit timer consists of an 8-bit up auto-reload counter driven by a programmable
prescaler. It can be used for timebase generation with interrupt generation on timer overflow
or for DAC trigger generation.
Table 3.
Timer feature comparison
Timer
Counter
resolution
Counter
type
Prescaler factor
DMA1
request
generation
Capture/compare
channels
Complementary
outputs
TIM1
16-bit
up/down
Any integer
from 1 to 65536
Yes
3 + 1
3
TIM2
Any power of 2
from 1 to 128
2
None
TIM3
TIM4
8-bit
up
Any power of 2
from 1 to 32768
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com