Electronic Components Datasheet Search
  English  ▼

X  

KBJ601G Datasheet(PDF) 1 Page - Diodes Incorporated

Part # KBJ601G
Description  6.0A GLASS PASSIVATED BRIDGE RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

KBJ601G Datasheet(HTML) 1 Page - Diodes Incorporated

  KBJ601G Datasheet HTML 1Page - Diodes Incorporated KBJ601G Datasheet HTML 2Page - Diodes Incorporated KBJ601G Datasheet HTML 3Page - Diodes Incorporated KBJ601G Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KBJ6005G - KBJ610G
Document number: DS21207 Rev. 9 - 2
1 of 4
www.diodes.com
June 2009
© Diodes Incorporated
KBJ6005G - KBJ610G
6.0A GLASS PASSIVATED BRIDGE RECTIFIER
Features
•
Glass Passivated Die Construction
•
High Case Dielectric Strength of 1500VRMS
•
Low Reverse Leakage Current
•
Surge Overload Rating to 170A Peak
•
Ideal for Printed Circuit Board Applications
•
UL Listed Under Recognized Component Index, File Number
E94661
•
Lead Free Finish, RoHS Compliant (Note 4)
Mechanical Data
•
Case: KBJ
•
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020D
•
Terminals: Finish
⎯ Tin. Plated Leads, Solderable per MIL-
STD-202, Method 208
•
Polarity: Molded on Body
•
Mounting: Through Hole for #6 Screw
•
Mounting Torque: 5.0 in-lbs Maximum
•
Ordering Information: See Page 3
•
Marking: Type Number
•
Weight: 4.6 grams (approximate)
Maximum Ratings @TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
KBJ
6005G
KBJ
601G
KBJ
602G
KBJ
604G
KBJ
606G
KBJ
608G
KBJ
610G
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@ TC = 110°C
IO
6.0
A
Non-Repetitive Peak Forward Surge Current, 8.3 ms Single
Half Sine-Wave Superimposed on Rated Load
IFSM
170
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance (Note 2)
RθJC
1.5
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Forward Voltage per element
@ IF = 3.0A
VFM
1.0
V
Peak Reverse Current
@ TC = 25°C
at Rated DC Blocking Voltage
@ TC = 125°C
IRM
5.0
500
µA
I
2t Rating for Fusing (t < 8.3ms) (Note 3)
I
2t
120
A
2s
Typical Total Capacitance per Element (Note 1)
CT
80
pF
Notes:
1. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
2. Thermal resistance from junction to case per element. Unit mounted on 75 x 75 x 1.6mm aluminum plate heat sink.
3. Non-repetitive, for t > 1ms and < 8.3ms.
4. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at http://www.diodes.com/products/lead_free.html.
Please click here to visit our online spice models database.


Similar Part No. - KBJ601G

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
KBJ601G ZOWIE-KBJ601G Datasheet
53Kb / 2P
SINTERED GLASS PASSIVATED BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBJ601G JGD-KBJ601G Datasheet
158Kb / 2P
CLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIERS
logo
Diodes Incorporated
KBJ601G DIODES-KBJ601G Datasheet
53Kb / 2P
6.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21207 Rev. F-2
logo
List of Unclassifed Man...
KBJ601G ETC1-KBJ601G Datasheet
312Kb / 2P
SINGLE PHASE GLASS PSSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
KBJ601G DIODES-KBJ601G Datasheet
73Kb / 3P
6.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21207 Rev. 8 - 2
More results

Similar Description - KBJ601G

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
GBU6A WTE-GBU6A Datasheet
47Kb / 3P
6.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
KBJ6005G DIODES-KBJ6005G Datasheet
53Kb / 2P
6.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21207 Rev. F-2
GBU6005 DIODES-GBU6005_1 Datasheet
67Kb / 3P
6.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21226 Rev. 7 - 2
logo
Yea Shin Technology Co....
GBJ6005 YEASHIN-GBJ6005 Datasheet
371Kb / 2P
6.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shanghai Shunye Electro...
GBU610 SHUNYE-GBU610 Datasheet
147Kb / 2P
6.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
GBJ6A ZSELEC-GBJ6A Datasheet
72Kb / 2P
6.0A GLASS PASSIVATED BRIDGE RECTIFIER
KBL601 ZSELEC-KBL601 Datasheet
84Kb / 2P
6.0A GLASS PASSIVATED BRIDGE RECTIFIER
HBS605 ZSELEC-HBS605 Datasheet
120Kb / 2P
6.0A GLASS PASSIVATED BRIDGE RECTIFIER
RS601M ZSELEC-RS601M Datasheet
111Kb / 2P
6.0A GLASS PASSIVATED BRIDGE RECTIFIER
RS6005M ZSELEC-RS6005M Datasheet
114Kb / 2P
6.0A GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com