Electronic Components Datasheet Search
  English  ▼

X  

SB320 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SB320
Description  3.0A SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SB320 Datasheet(HTML) 1 Page - Diodes Incorporated

  SB320 Datasheet HTML 1Page - Diodes Incorporated SB320 Datasheet HTML 2Page - Diodes Incorporated SB320 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SB320 - SB360
Document number: DS23023 Rev. 9 - 2
1 of 3
www.diodes.com
November 2010
© Diodes Incorporated
SB320 - SB360
3.0A SCHOTTKY BARRIER RECTIFIER
Features
•
Guard Ring Die Construction for Transient Protection
•
Low Power Loss, High Efficiency
•
High Surge Capability
•
High Current Capability and Low Forward Voltage Drop
•
Surge Overload Rating to 80A Peak
•
For Use in Low Voltage, High Frequency Inverters, Free
Wheeling, and Polarity Protection Applications
•
Lead Free Finish, RoHS Compliant (Note 1)
•
IEC 61000-4-2 (ESD - 150pF/330
Ω)
Contact - ±15kV
Mechanical Data
•
Case: DO-201AD
•
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Finish - Tin. Solderable per MIL-STD-202, Method
208
•
Polarity: Cathode Band
•
Marking: Type Number
•
Weight: 1.1 grams (approximate)
Ordering Information (Note 2)
Device
Packaging
Shipping
SB320-B
DO-201AD
500/Bulk
SB320-T
DO-201AD
1200/13” Tape & Reel
SB330-B
DO-201AD
500/Bulk
SB330-T
DO-201AD
1200/13” Tape & Reel
SB340-B
DO-201AD
500/Bulk
SB340-T
DO-201AD
1200/13” Tape & Reel
SB350-B
DO-201AD
500/Bulk
SB350-T
DO-201AD
1200/13” Tape & Reel
SB360-B
DO-201AD
500/Bulk
SB360-T
DO-201AD
1200/13” Tape & Reel
Maximum Ratings @TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
SB320
SB330
SB340
SB350
SB360
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage (Note 4)
VRRM
VRWM
VR
20
30
40
50
60
V
RMS Reverse Voltage
VR(RMS)
14
21
28
35
42
V
Average Rectified Output Current (Note 3) (See Figure 1)
IO
3.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
80
A
Thermal Characteristics
Characteristic
Symbol
SB320
SB330
SB340
SB350
SB360
Unit
Typical Thermal Resistance (Note 5)
RθJA
30
°C/W
RθJL
10
Operating Temperature Range
TJ
-65 to +125
-65 to +150
°C
Storage Temperature Range
TSTG
-65 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
SB320
SB330
SB340
SB350
SB360
Unit
Forward Voltage
@ IF = 3.0A
VFM
0.50
0.74
V
Peak Reverse Current
@ TA = 25°C
at Rated DC Blocking Voltage (Note 4)
@ TA = 100°C
IRM
0.5
mA
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied, see EU Directive 2002/95/EC Annex Notes
2. For packaging details, go to our website at http://www.diodes.com.
3. Measured at ambient temperature at a distance of 9.5mm from the case.
4. Short duration pulse test used to minimize self-heating effect.
5. Thermal resistance from junction to lead vertical P.C.B. mounted, 0.500" (12.7mm) lead length with 2.5 x 2.5" (63.5 x 63.5mm) copper pad.


Similar Part No. - SB320

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB320 PANJIT-SB320 Datasheet
54Kb / 2P
3 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes)
logo
Transys Electronics
SB320 TRSYS-SB320 Datasheet
154Kb / 2P
3 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB320 WTE-SB320 Datasheet
46Kb / 3P
3.0A SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SB320 ZOWIE-SB320 Datasheet
50Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SB320 SSE-SB320 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SB320

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SB320 DIODES-SB320 Datasheet
147Kb / 2P
3.0A SCHOTTKY BARRIER RECTIFIER
DS23023 Rev. 4 - 2
SB320 DIODES-SB320_1 Datasheet
70Kb / 3P
3.0A SCHOTTKY BARRIER RECTIFIER
DS23023 Rev. 7 - 2
logo
TAITRON Components Inco...
TSR320 TAITRON-TSR320 Datasheet
261Kb / 4P
3.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SB370 DIODES-SB370_08 Datasheet
84Kb / 3P
3.0A SCHOTTKY BARRIER RECTIFIER
Rev. 3 - 2 July 2008
logo
Unisonic Technologies
SB360 UTC-SB360 Datasheet
113Kb / 3P
3.0A SCHOTTKY BARRIER RECTIFIER
SB3100 UTC-SB3100 Datasheet
102Kb / 3P
3.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SB370 DIODES-SB370_15 Datasheet
84Kb / 3P
3.0A SCHOTTKY BARRIER RECTIFIER
Rev erse
logo
Unisonic Technologies
SB340 UTC-SB340_15 Datasheet
129Kb / 4P
3.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
B320AF DIODES-B320AF Datasheet
311Kb / 1P
3.0A SCHOTTKY BARRIER RECTIFIER
May 2017 Rev. 2 - 2
B320BE DIODES-B320BE Datasheet
458Kb / 6P
3.0A SCHOTTKY BARRIER RECTIFIER
January 2020 Rev. 3 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com