Electronic Components Datasheet Search
  English  ▼

X  

6A05 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # 6A05
Description  6.0A SILICON RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

6A05 Datasheet(HTML) 2 Page - Diodes Incorporated

  6A05 Datasheet HTML 1Page - Diodes Incorporated 6A05 Datasheet HTML 2Page - Diodes Incorporated 6A05 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1
2
3
4
5
6
0
20
40
60
80
100 120 140 160 180
TA, AMBIENT TEMPERATURE (ºC)
Fig. 1 Output Current Derating Curve
A
B
0
Recommended Method
(See Derating "A")
Standard Method
(See Derating "B")
Ground Plane: 25mm equivalent
copper surface area
2
Printed Circuit Board Mounting Method
0.1
1.0
10
40
0.6
0.8
1.0
1.2
1.4
1.6
V INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F,
0
100
200
300
400
500
110
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Maximum Non-Repetitive Peak
Forward Surge Current
0
5
10
15
20
25
LEAD LENGTH TO HEAT SINK (mm)
Fig. 4 Typical Thermal Resistance
(Using Standard Mounting Method "B")
0
5
10
25
15
20
DS28009 Rev. 9 - 2
2 of 3
www.diodes.com
6A05 - 6A10
© Diodes Incorporated



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com