Electronic Components Datasheet Search
  English  ▼

X  

MMBTA55 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MMBTA55
Description  PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBTA55 Datasheet(HTML) 1 Page - Diodes Incorporated

  MMBTA55_2 Datasheet HTML 1Page - Diodes Incorporated MMBTA55_2 Datasheet HTML 2Page - Diodes Incorporated MMBTA55_2 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MMBTA55 / MMBTA56
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Features
•
Epitaxial Planar Die Construction
•
Complementary NPN Types Available (MMBTA05 /
MMBTA06)
•
Ideal for Low Power Amplification and Switching
•
Lead, Halogen and Antimony Free, RoHS Compliant
"Green" Device (Notes 3 and 4)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: SOT-23
•
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020d
•
Terminal Connections: See Diagram
•
Terminals: Solderable per MIL-STD-202, Method 208
•
Lead Free Plating (Matte Tin Finish annealed over Alloy
42 leadframe).
•
MMBTA55 Marking (See Page 3): K2H, K2G
•
MMBTA56 Marking (See Page 3): K2G
•
Ordering Information: See Page 3
•
Weight: 0.008 grams (approximate)
SOT-23
Dim
Min
Max
A
0.37
0.51
B
1.20
1.40
C
2.30
2.50
D
0.89
1.03
E
0.45
0.60
G
1.78
2.05
H
2.80
3.00
J
0.013
0.10
K
0.903
1.10
L
0.45
0.61
M
0.085
0.180
α
0
°
8
°
All Dimensions in mm
A
E
J
L
TOP VIEW
M
B
C
C
BE
H
G
D
K
E
B
C
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
MMBTA55
MMBTA56
Unit
Collector-Base Voltage
VCBO
-60
-80
V
Collector-Emitter Voltage
VCEO
-60
-80
V
Emitter-Base Voltage
VEBO
-4.0
V
Collector Current - Continuous (Note 1)
IC
-500
mA
Power Dissipation (Note 1)
Pd
300
mW
Thermal Resistance, Junction to Ambient (Note 1)
RθJA
417
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 2)
Collector-Base Breakdown Voltage
MMBTA55
MMBTA56
V(BR)CBO
-60
-80
⎯
V
IC = -100μA, IE = 0
Collector-Emitter Breakdown Voltage
MMBTA55
MMBTA56
V(BR)CEO
-60
-80
⎯
V
IC = -1.0mA, IB = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
-4.0
⎯
V
IE = -100μA, IC = 0
Collector Cutoff Current
MMBTA55
MMBTA56
ICBO
⎯
-100
nA
VCB = -60V, IE = 0
VCB = -80V, IE = 0
Collector Cutoff Current
MMBTA55
MMBTA56
ICEX
⎯
-100
nA
VCE = -60V, IBO = 0V
VCE = -80V, IBO = 0V
ON CHARACTERISTICS (Note 2)
DC Current Gain
hFE
100
⎯
⎯
IC = -10mA, VCE = -1.0V
IC = -100mA, VCE = -1.0V
Collector-Emitter Saturation Voltage
VCE(SAT)
⎯
-0.25
V
IC = -100mA, IB = -10mA
Base-Emitter Saturation Voltage
VBE(SAT)
⎯
-1.2
V
IC = -100mA, VCE = -1.0V
SMALL SIGNAL CHARACTERISTICS
Current Gain-Bandwidth Product
fT
50
⎯
MHz
VCE = -1.0V, IC = -100mA,
f = 100MHz
Notes:
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can
be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2. Short duration pulse test used to minimize self-heating effect.
3. No purposefully added lead. Halogen and Antimony Free.
4. Product manufactured with Data Code V9 (week 33, 2008) and newer are built with Green Molding Compound. Product manufactured prior to Date Code
V9 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
DS30054 Rev. 11 - 2
1 of 3
www.diodes.com
MMBTA55 / MMBTA56
© Diodes Incorporated
Please click here to visit our online spice models database.


Similar Part No. - MMBTA55_2

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBTA55-7 DIODES-MMBTA55-7 Datasheet
47Kb / 2P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30054 Rev. 4 - 2
MMBTA55-7-F DIODES-MMBTA55-7-F Datasheet
80Kb / 3P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30054 Rev. 9 - 2
MMBTA55-7-F DIODES-MMBTA55-7-F Datasheet
471Kb / 7P
PNP SMALL SIGNAL TRANSISTOR IN SOT23
Rev 12
logo
Bruckewell Technology L...
MMBTA55-A56 BWTECH-MMBTA55-A56 Datasheet
201Kb / 3P
PNP General Purpose Transistor
logo
Pan Jit International I...
MMBTA55-AU PANJIT-MMBTA55-AU Datasheet
250Kb / 7P
NPN AND PNP HIGH VOLTAGE TRANSISTOR
More results

Similar Description - MMBTA55_2

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMST2907A DIODES-MMST2907A Datasheet
54Kb / 3P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30081 Rev. 3 - 2
MMSTA92 DIODES-MMSTA92 Datasheet
46Kb / 2P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30174 Rev. 3 - 2
BC856A_ DIODES-BC856A_ Datasheet
269Kb / 4P
PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11207 Rev. 18 - 2
MMST4126 DIODES-MMST4126_1 Datasheet
82Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30161 Rev. 6 - 2
MMST5401 DIODES-MMST5401_1 Datasheet
209Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30170 Rev. 8 - 2
MMSTA92 DIODES-MMSTA92_1 Datasheet
77Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30174 Rev. 8 - 2
MMBT2907AT DIODES-MMBT2907AT_1 Datasheet
353Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30269 Rev. 7 - 2
BC857AT DIODES-BC857AT_1 Datasheet
353Kb / 3P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30275 Rev. 8 - 2
DP350T05 DIODES-DP350T05 Datasheet
82Kb / 3P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30624 Rev. 6 - 2
BC856A DIODES-BC856A_2 Datasheet
119Kb / 4P
PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11207 Rev. 19 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com