Electronic Components Datasheet Search
  English  ▼

X  

MMBT5401 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MMBT5401
Description  PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBT5401 Datasheet(HTML) 1 Page - Diodes Incorporated

  MMBT5401 Datasheet HTML 1Page - Diodes Incorporated MMBT5401 Datasheet HTML 2Page - Diodes Incorporated MMBT5401 Datasheet HTML 3Page - Diodes Incorporated MMBT5401 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MMBT5401
Document number: DS30057 Rev. 9 - 2
1 of 4
www.diodes.com
August 2008
© Diodes Incorporated
MMBT5401
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Features
•
Epitaxial Planar Die Construction
•
Complementary NPN Type Available (MMBT5551)
•
Ideal for Low Power Amplification and Switching
•
Lead, Halogen and Antimony Free, RoHS Compliant
•
"Green" Device (Notes 2 and 3)
Mechanical Data
•
Case: SOT-23
•
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020D
•
Terminal Connections: See Diagram
•
Terminals: Solderable per MIL-STD-202, Method 208
•
Lead Free Plating (Matte Tin Finish annealed over Alloy 42
leadframe).
•
Marking Information: See Page 3
•
Ordering Information: See Page 3
•
Weight: 0.008 grams (approximate)
E
B
C
Top View
Device Schematic
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-160
V
Collector-Emitter Voltage
VCEO
-150
V
Emitter-Base Voltage
VEBO
-5.0
V
Collector Current - Continuous (Note 1)
IC
-600
mA
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 1)
PD
300
mW
Thermal Resistance, Junction to Ambient (Note 1)
RθJA
417
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which
can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2. No purposefully added lead. Halogen and Antimony Free.
3. Product manufactured with Data Code V9 (week 33, 2008) and newer are built with Green Molding Compound. Product manufactured prior to Date
Code V9 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
Please click here to visit our online spice models database.


Similar Part No. - MMBT5401

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMBT5401 TRSYS-MMBT5401 Datasheet
171Kb / 2P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Zowie Technology Corpor...
MMBT5401 ZOWIE-MMBT5401 Datasheet
83Kb / 4P
HIGH VOLTAGE TRANSISTOR PNP SILICON
logo
Fairchild Semiconductor
MMBT5401 FAIRCHILD-MMBT5401 Datasheet
109Kb / 4P
PNP General Purpose Amplifier
logo
Diodes Incorporated
MMBT5401 DIODES-MMBT5401 Datasheet
47Kb / 2P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30057 Rev. 3 - 2
logo
Fairchild Semiconductor
MMBT5401 FAIRCHILD-MMBT5401 Datasheet
67Kb / 6P
PNP General Purpose Amplifier
More results

Similar Description - MMBT5401

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMST2907A DIODES-MMST2907A Datasheet
54Kb / 3P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30081 Rev. 3 - 2
MMSTA92 DIODES-MMSTA92 Datasheet
46Kb / 2P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30174 Rev. 3 - 2
BC856A_ DIODES-BC856A_ Datasheet
269Kb / 4P
PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11207 Rev. 18 - 2
MMST4126 DIODES-MMST4126_1 Datasheet
82Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30161 Rev. 6 - 2
MMST5401 DIODES-MMST5401_1 Datasheet
209Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30170 Rev. 8 - 2
MMSTA92 DIODES-MMSTA92_1 Datasheet
77Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30174 Rev. 8 - 2
MMBT2907AT DIODES-MMBT2907AT_1 Datasheet
353Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30269 Rev. 7 - 2
BC857AT DIODES-BC857AT_1 Datasheet
353Kb / 3P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30275 Rev. 8 - 2
DP350T05 DIODES-DP350T05 Datasheet
82Kb / 3P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30624 Rev. 6 - 2
BC856A DIODES-BC856A_2 Datasheet
119Kb / 4P
PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11207 Rev. 19 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com