Electronic Components Datasheet Search
  English  ▼

X  

STM8L101F2T6 Datasheet(PDF) 70 Page - STMicroelectronics

Part # STM8L101F2T6
Description  8-bit ultralow power microcontroller with up to 8 Kbytes Flash multifunction timers, comparators, USART, SPI, I2C
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101F2T6 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button STM8L101F2T6 Datasheet HTML 66Page - STMicroelectronics STM8L101F2T6 Datasheet HTML 67Page - STMicroelectronics STM8L101F2T6 Datasheet HTML 68Page - STMicroelectronics STM8L101F2T6 Datasheet HTML 69Page - STMicroelectronics STM8L101F2T6 Datasheet HTML 70Page - STMicroelectronics STM8L101F2T6 Datasheet HTML 71Page - STMicroelectronics STM8L101F2T6 Datasheet HTML 72Page - STMicroelectronics STM8L101F2T6 Datasheet HTML 73Page - STMicroelectronics STM8L101F2T6 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 81 page
background image
Package characteristics
STM8L101xx
70/81
Doc ID 15275 Rev 11
Figure 41.
UFQFPN28 - 28-lead ultra thin fine pitch
quad flat no-lead package outline (4 x 4)(1)
Figure 42.
UFQFPN28 recommended
footprint(1)(2)
1.
Drawing is not to scale
2.
Dimensions are in millimeters
A0B0_ME
15
21
22
28
1
7
D
e
b
e
E
ddd
ddd
L1
14
L2
A1
A
A3
Table 41.
UFQFPN28 - 28-lead ultra thin fine pitch quad flat no-lead package (4 x 4),
package mechanical data
Dim.
mm
inches(1)
Min
Typ
Max
Min
Typ
Max
A
0.5
0.55
0.6
0.0197
0.0217
0.0236
A1
0
0.02
0.05
0
0.0008
0.002
A3
0.152
0.0060
b
0.18
0.25
0.3
0.0071
0.0098
0.0118
D
4
0.1575
E
4
0.1575
e
0.5
0.0197
L1
0.25
0.35
0.45
0.0098
0.0138
0.0177
L2
0.3
0.4
0.5
0.0118
0.0157
0.0197
ddd
0.08
0.0031
Number of pins
N28
1.
Values in inches are converted from mm and rounded to 4 decimal digits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com