Electronic Components Datasheet Search
  English  ▼

X  

K1V22 Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # K1V22
Description  SIDAC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

K1V22 Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  K1V22 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd K1V22 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
5
2
0.
2
0.
5
1
0.
6
1.
6
1.
8
2
1.
4
1.
2
1
0.
8
0.
6
0.
4
0.
8
1
1.
6
1.
2
1.
4
0.
2
0
0
0.
2
0.
4
1.
4
0.
6
0.
8
1
1.
2
0
0.
6
0.
4
0.
2
1.
2
1
0.
8
1.
4
40
60
80
100
140
120
2
1.5
0
0.5
−40
0
−20
40
20
120
80
100
60
25
0
10
5
20
15
1
2
10
20
50
100
5
1000
1
500
200
100
50
10
20
2
5
1
2
5
10
20
50
100
200
1.
2
0
0.
6
0.
4
0.
2
0.
8
1
20
40
60
80
100
120
140
0
Tl =125℃
(TYP)
Tl = 25℃
(TYP)
Pulse measurement
Non repetitive
Sine wave 50Hz
Conduction angle180°
Free in air
Tj=25℃
Tj=125℃
Sine wave
Conduction angle180°
Tj=125℃
Sine wave
Conduction angle180°
f=1∼120Hz
f=1∼5kHz
f=1kHz
f=5kHz
diT/dt limit line
diT/dt limit line
f=1kHz
f=5kHz
f=1∼120Hz
f=1∼120Hz
θja
θjl
θja
θjl
500
10
100
0.
1
1
0.
03
Soldering land3mmφ
l
=2∼15mm
20mm
l
Mounted on P.C.B.
1
1.
1
1
0.
8
0.
9
−40
0
−20
40
20
120
80
100
60
1.
05
0.
95
0.
85
Soldering land3mmφ
l
=2∼15mm
0
0.
6
0.
4
0.
2
1.
2
1
0.
8
0
20
40
60
140
80
100
120
Allowable Ambient Temperature Ta〔℃〕
Mounted on P.C.B.
20mm
l
0.
0001 0.
001
0.
01
0.
1
1
10
100
1000
Instantaneous On-state Voltage VT〔V〕
On-state Current IT(r.m.s.)
〔A〕
Time t〔sec.〕
Allowable Lead Temperature Tl〔℃〕
Junction Temperature Tj〔℃〕
Number of Cycles
Allowable Ambient Temperature Ta〔℃〕
Junction Temperature Tj〔℃〕
Pulse Base Width to〔μs〕
TYP
Pulse measurement
Peak hold method
TYP
Pulse measurement
0
Current wave form
to
1/f
IP
Ta=25℃
Free in air
Sine wave
0
Current wave form
to
1/f
IP
Power Dissipation
Transient Thermal Resistance
Max. Lead Temperature
Surge On-state Current
(ITSM)
Breakover Voltage vs Junction Temperature
On-state Voltage vs On-state Current
オン電圧 -オン電流
電力損失曲線
過渡熱抵抗
VBO- Tj 特性
Holding Current vs Junction Temperature
IH- Tj 特性
せん頭パルス電流
サージオン電流
Pulse On-state Current Rating
(ITRM)
Maximum Ambient Temperature
Free in air
Sine wave
せん頭パルス電流ディレーティング
最大リード温度
最大周囲温度
Pulse On-state Current Derating
(ITRM)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com