Electronic Components Datasheet Search
  English  ▼

X  

BAV70DW Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAV70DW
Description  SURFACE MOUNT SWITCHING DIODE ARRAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAV70DW Datasheet(HTML) 1 Page - Diodes Incorporated

  BAV70DW Datasheet HTML 1Page - Diodes Incorporated BAV70DW Datasheet HTML 2Page - Diodes Incorporated BAV70DW Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAV70DW
SURFACE MOUNT SWITCHING DIODE ARRAY
Features
•
Fast Switching Speed
•
Ultra-Small Surface Mount Package
•
For General Purpose Switching Applications
•
High Conductance
•
Two “BAV70” Circuits In One Package
•
Lead Free/RoHS Compliant (Note 3)
•
"Green" Device (Note 4 and 5)
Mechanical Data
•
Case: SOT-363
•
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020D
•
Terminals: Solderable per MIL-STD-202, Method 208
•
Lead Free Plating (Matte Tin Finish annealed over Alloy 42
leadframe).
•
Orientation: See Diagram
•
Marking Information: See Page 2
•
Ordering Information: See Page 2
•
Weight: 0.006 grams (approximate)
SOT-363
C
1
A
1
A
1
A
2
A
2
C
2
TOP VIEW
Internal Schematic
TOP VIEW
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Non-Repetitive Peak Reverse Voltage
VRM
100
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
75
V
RMS Reverse Voltage
VR(RMS)
53
V
Forward Continuous Current (Note 1)
IFM
300
mA
Average Rectified Output Current (Note 1)
IO
150
mA
Non-Repetitive Peak Forward Surge Current
@ t = 1.0
μs
@ t = 1.0s
IFSM
2.0
1.0
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 1)
PD
200
mW
Thermal Resistance Junction to Ambient Air (Note 1)
RθJA
625
°C/W
Operating and Storage Temperature Range
TJ , TSTG
-65 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 2)
V(BR)R
75
⎯
V
IF = 2.5μA
Forward Voltage
VF
⎯
0.715
0.855
1.0
1.25
V
IF = 1.0mA
IF = 10mA
IF = 50mA
IF = 150mA
Reverse Current (Note 2)
IR
⎯
2.5
50
30
25
μA
μA
μA
nA
VR = 75V
VR = 75V, TJ = 150°C
VR = 25V, TJ = 150°C
VR = 20V
Total Capacitance
CT
⎯
2.0
pF
VR = 0, f = 1.0MHz
Reverse Recovery Time
trr
⎯
4.0
ns
IF = IR = 10mA,
Irr = 0.1 x IR, RL = 100Ω
Notes:
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout
document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2. Short duration pulse test used to minimize self-heating effect.
3. No purposefully added lead.
4. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
5. Product manufactured with Date Code UO (week 40, 2007) and newer are built with Green Molding Compound. Product manufactured prior to Date
Code UO are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
BAV70DW
Document number: DS30132 Rev. 11 - 2
1 of 3
www.diodes.com
April 2008
© Diodes Incorporated
Please click here to visit our online spice models database.


Similar Part No. - BAV70DW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAV70DW DIODES-BAV70DW Datasheet
62Kb / 3P
QUAD SURFACE MOUNT SWITCHING DIODE ARRAY
DS30132 Rev. 4 - 2
logo
Weitron Technology
BAV70DW WEITRON-BAV70DW Datasheet
277Kb / 3P
Surface Mount Switching Multi-Chip Diode Array
logo
Diodes Incorporated
BAV70DW DIODES-BAV70DW Datasheet
355Kb / 3P
QUAD SURFACE MOUNT SWITCHING DIODE ARRAY
DS30132 Rev. 8 - 2
logo
Pan Jit International I...
BAV70DW PANJIT-BAV70DW Datasheet
130Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
Weitron Technology
BAV70DW WEITRON-BAV70DW Datasheet
1Mb / 3P
Surface Mount Switching Multi-Chip
More results

Similar Description - BAV70DW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAV99DW DIODES-BAV99DW_09 Datasheet
85Kb / 3P
SURFACE MOUNT SWITCHING DIODE ARRAY
Rev. 13 - 2 January 2009
BAW56DW DIODES-BAW56DW_08 Datasheet
125Kb / 3P
SURFACE MOUNT SWITCHING DIODE ARRAY
Rev. 10 - 2 March 2008
logo
SeCoS Halbleitertechnol...
MMBD4448HAQW SECOS-MMBD4448HAQW Datasheet
1Mb / 2P
Surface Mount Switching Diode Array
logo
Diodes Incorporated
BAV99BRLP DIODES-BAV99BRLP Datasheet
84Kb / 4P
SURFACE MOUNT SWITCHING DIODE ARRAY
Rev 4
logo
SeCoS Halbleitertechnol...
BAV99BRW SECOS-BAV99BRW_15 Datasheet
794Kb / 2P
Surface Mount Switching Diode Array
logo
Diodes Incorporated
BAV70DV DIODES-BAV70DV_15 Datasheet
96Kb / 4P
SURFACE MOUNT SWITCHING DIODE ARRAY
Rev 4
BAV99DWQ DIODES-BAV99DWQ Datasheet
195Kb / 4P
SURFACE MOUNT SWITCHING DIODE ARRAY
Rev erse
BAS16HTW DIODES-BAS16HTW Datasheet
334Kb / 5P
SURFACE MOUNT SWITCHING DIODE ARRAY
Rev erse
BAW56HDW DIODES-BAW56HDW Datasheet
363Kb / 5P
SURFACE MOUNT SWITCHING DIODE ARRAY
Rev erse
BAS16VV DIODES-BAS16VV Datasheet
598Kb / 5P
SURFACE MOUNT SWITCHING DIODE ARRAY
February 2023 Rev. 4 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com