Electronic Components Datasheet Search
  English  ▼

X  

B0530W Datasheet(PDF) 2 Page - Diodes Incorporated

Part # B0530W
Description  0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B0530W Datasheet(HTML) 2 Page - Diodes Incorporated

  B0530W Datasheet HTML 1Page - Diodes Incorporated B0530W Datasheet HTML 2Page - Diodes Incorporated B0530W Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
B0530W
0.01
0.1
1
10
1,000
100
10,000
100,000
0
12
0.5
1.5
2.5
0
200
300
500
0
25
50
75
100
125
150
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Power Derating
A
°
400
100
3
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
100,000
10
100
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 3 Typical Reverse Characteristics
R
V , DC REVERSE VOLTAGE (V)
Fig. 4 Total Capacitance vs. Reverse Voltage
R
1,000
1.0
10
100
0
5
10
15
20
f = 1MHz
B0530W
Document number: DS30139 Rev. 9 - 2
2 of 3
www.diodes.com
June 2008
© Diodes Incorporated
0
0.25
0.50
050
100
150
T , LEAD TEMPERATURE ( C)
Fig. 5 Forward Current Derating Curve
L
°
0.75
1.0
25
75
125



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com