Electronic Components Datasheet Search
  English  ▼

X  

BSS138 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BSS138
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BSS138 Datasheet(HTML) 3 Page - Diodes Incorporated

  BSS138 Datasheet HTML 1Page - Diodes Incorporated BSS138 Datasheet HTML 2Page - Diodes Incorporated BSS138 Datasheet HTML 3Page - Diodes Incorporated BSS138 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BSS138
0
0.5
1
1.5
2
2.5
3
3.5
0
0.1
0.2
0.3
0.4
0.5
I , DRAIN-CURRENT (A)
Fig. 8 Drain-Source On Resistance vs. Drain-Current
D
150 C
°
-55 C
°
25 C
°
V
= 10V
GS
0
1
2
3
4
5
6
0
0.1
0.2
0.3
0.4
0.5
I , DRAIN-CURRENT (A)
Fig. 7 Drain-Source On-Resistance vs. Drain-Current
D
150 C
°
-55 C
°
25 C
°
V
= 4.5V
GS
0.001
0.01
0.1
1
V
, DIODE FORWARD VOLTAGE (V)
Fig. 9 Body Diode Current vs. Body Diode Voltage
SD
0
0.2
0.4
0.6
0.8
11.2
150 C
°
-55 C
°
25 C
°
1
10
100
V
, DRAIN-SOURCE VOLTAGE (V)
Fig. 10 Capacitance vs. Drain-Source Voltage
DS
0
5
10
15
20
25
30
V
= 0V
f = 1MHz
GS
CrSS
C
OSS
CiSS
Ordering Information (Note 5)
Part Number
Case
Packaging
BSS138-7-F
SOT-23
3000/Tape & Reel
Notes:
5. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
K38
K38 = Product Type Marking Code
YM = Date Code Marking
Y = Year ex: N = 2002
M = Month ex: 9 = September
Date Code Key
BSS138
Document number: DS30144 Rev. 13 - 2
3 of 4
www.diodes.com
May 2008
© Diodes Incorporated
Year
1998
1999
2000
2001
2002
2003
2004
2005
2006
2007
2008
2009
2010
2011
2012
Code
J
K
L
M
N
P
R
S
T
U
V
W
X
Y
Z
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com