Electronic Components Datasheet Search
  English  ▼

X  

MTD2018F Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # MTD2018F
Description  Dual Full-bridge Microstepping PWM Motor Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MTD2018F Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  MTD2018F Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd MTD2018F Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd MTD2018F Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd MTD2018F Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd MTD2018F Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MTD2018F
W1002
Shindengen Electric Mfg.Co.Ltd
Dual Full-bridge
Microstepping PWM Motor Driver
Stepper Motor Driver IC
MTD Series
Output voltage
Output current
Logic supply
Logic input
V
A
V
V
W
℃
℃
35
0.8
0∼3.6
0∼Vcc
3
-40∼150
150
Vmm
I
OUT
Vcc
V
LOGIC
P
D *1
Tstg
Tj
STB
L
H
Mode
stand by
active
PHA 1 or 2
H
L
H
L
OUT A
L
H
OUT B
L
H
H
L
H
L
H
L
I0
I1
0.109±10%
0.221±8%
-
0.330±5%
Vr[V]
(at VREF=3.3V)
33
67
0
100
Output current
ratio[%]
Features
●Dual full bridge for a bipolar stepper motor driver
●Load supply voltage 35V , Output current 0.8A
●Constant current control (Fixed OFF time PWM control)
●2-bit selectable current level (Full step/Half step/Quarter step)
●Logic supply 3.3V only
●Stand-by function
●Built-in flywheel and flyback diodes
●Under voltage lock out function
●Thermal shutdown with hysteresis
●Surface mount package with heat sink(HSOP28)
■Absolute maxmum ratings / Ta=25℃
Power dissipation
Storage temperature range
Maximum Junction temperature
Parameter
Symbol
Rating
Unit
*1 : 50.8×50.8×1mm3 Glass Epoxy Board(FR4),250mm2 Cupper Pattern
■Pin Assignment
■Truth table
HSOP28
NC
NC
NC
NC
1
2
I0 2
I1 2
Vs 2
VREF 2
CR 2
GND
STB
CR 1
VREF 1
Vs 1
I1 1
I0 1
PHA 2
Vcc 2
Vmm 2
OUT 2A
SENSE 2
OUT 2B
OUT 1B
SENSE 1
OUT 1A
Vmm 1
Vcc 1
PHA 1
GND
GND
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
TOP VIEW
MTD2018F


Similar Part No. - MTD2018F

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
MTD2018FE SHINDENGEN-MTD2018FE Datasheet
91Kb / 5P
Dual Full-bridge PWM Stepper Motor Driver
MTD2018F SHINDENGEN-MTD2018F_17 Datasheet
91Kb / 5P
MTD2018F
More results

Similar Description - MTD2018F

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3957 ALLEGRO-3957 Datasheet
150Kb / 16P
FULL-BRIDGE PWM MICROSTEPPING MOTOR DRIVER
A3992 ALLEGRO-A3992 Datasheet
477Kb / 13P
DMOS Dual Full-Bridge Microstepping PWM Motor Driver
A3955 ALLEGRO-A3955 Datasheet
423Kb / 13P
Full-Bridge PWM Microstepping Motor Driver
logo
Shindengen Electric Mfg...
MTD2017F SHINDENGEN-MTD2017F Datasheet
91Kb / 5P
Dual Full-bridge Microstepping PWM Motor Driver
MTD2017G SHINDENGEN-MTD2017G Datasheet
120Kb / 5P
Dual Full-bridge Microstepping PWM Motor Driver
MTD2018G SHINDENGEN-MTD2018G Datasheet
120Kb / 5P
Dual Full-bridge Microstepping PWM Motor Driver
logo
Allegro MicroSystems
A4975 ALLEGRO-A4975 Datasheet
321Kb / 13P
Full-Bridge PWM Microstepping Motor Driver
A3972 ALLEGRO-A3972 Datasheet
312Kb / 10P
Dual DMOS Full-Bridge Microstepping PWM Motor Driver
A3955 ALLEGRO-A3955_12 Datasheet
520Kb / 14P
Full-Bridge PWM Microstepping Motor Driver
A3992 ALLEGRO-A3992_13 Datasheet
549Kb / 13P
DMOS Dual Full-Bridge Microstepping PWM Motor Driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com