Electronic Components Datasheet Search
  English  ▼

X  

MTD2018G Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # MTD2018G
Description  Dual Full-bridge Microstepping PWM Motor Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MTD2018G Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  MTD2018G Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd MTD2018G Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd MTD2018G Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd MTD2018G Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd MTD2018G Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
W1002
MTD2018G
Shindengen Electric Mfg.Co.Ltd
Stepper Motor Driver IC
■Electrical Characteristics
Ta=25℃, Vcc=3.3V unless otherwise specified
*1 : 50.8×50.8×1mm3 Glass Epoxy Board(FR4),200mm2 Cupper Pattern
■Thermal resistance
Symbol
θja *1
58
℃/W
Rating
Unit
symbol
condition
unit
MIN
TYP
MAX
item
Icc(ON)
Icc(OFF)
Imm(OFF)
Icc(STB)
Imm(STB)
VPHA H
VPHA L
IPHA H
IPHA L
V(I0,I1) H
V(I0,I1) L
I(I0,I1) H
I(I0,I1) L
I0=I1=H
Vmm=35V,I0=I1=H
STB=L
Vmm=35V,STB=L
VPHA =3.3V
VPHA =0V
Vmm=12V
Vmm=12V
V(I0,I1)=3.3V
V(I0,I1)=0V
Logic supply current(2circuit OFF)
μA
V
mA
mA
mA
mA
V
μA
μA
V
V
μA
μA
2.3
GND
2.3
GND
-
-
-
-
-
50.0
17.0
5.0
3.5
-
-1.0
-2.0
-
-
-
-
62.0
21.0
7.4
4.7
10.0
0.6
Vcc
10.0
-10.0
0.6
Vcc
10.0
-30.0
VREF
IREF
Is
Vs1
Vs2
Vs3
Vce(SAT)H
Vce(SAT)L
Ir
VF H
T OFF
VF L
VREF=0V
Vs=0V
VREF=3.3V,I0=L,I1=L
VREF=3.3V,I0=H,I1=L
VREF=3.3V,I0=L,I1=H
Ic=0.8A
Ic=0.8A
Vmm=Vce(sus)V,Vout=0V
If=0.8A
If=0.8A
Ct=3300pF,Rt=4.7KΩ
Vuv
TjTSD
μA
V
μA
μA
V
V
V
V
V
V
V
μS
℃
V
0.314
1.0
-1.0
-1.0
0.203
0.098
-
-
-
-
-
-
-
-
-
-
0.330
1.20
1.30
1.40
17.1
170
2.7
-
0.221
0.109
0.70
-
10.0
10.0
0.347
1.40
1.00
10.0
1.50
1.60
3.6
0.239
0.120
-
-
-
VSTB H
VSTB L
Logic supply current(2circuit ON)
Load supply current(2circuit OFF)
Logic supply current(STB)
PHA“H”input voltage
PHA“L”input voltage
PHA“H”input current
PHA“L”input current
I0,I1“H”input voltage
I0,I1“L”input voltage
I0,I1“H”input current
I0,I1“L”input current
Load supply current(STB)
Vref input voltage
Vref input current
Vs input current
comparator threshold(100%)
Upper transistor saturation drop
Output leak current
Upper diode forward drop
One Shot OFF time
UVLO threshold
Thermal shutdown temperature
comparator threshold(67%)
comparator threshold(33%)
Lower transistor saturation drop
Lower diode forward drop
STB“H”input voltage
STB“L”input voltage
Vcc
2.3
GND
0.6
■Recommended operation conditions
Vmm
Vcc
Parameter
Symbol
Recommendation
Unit
Junction temperature
Tj
-25∼120
℃
Load supply
7∼27
V
Logic supply
3.0∼3.6
V
V
V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com