Electronic Components Datasheet Search
  English  ▼

X  

S20SC9MT Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # S20SC9MT
Description  Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

S20SC9MT Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  S20SC9MT Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd S20SC9MT Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
(J533-P〈2010.
06〉)
www.
s
hi
ndengen.
co.
j
p/
pr
oduct
/
s
emi
/
■特性図 CHARACTERI
STI
C DI
AGRAMS
25
0
20
15
10
5
順方向特性
Forward Voltage
5
2
0.
1
0.
2
50
10
20
0.
5
1
0
0.
5
2
2.
5
1.
5
1
Tc=150℃(MAX)
Tc=150℃(TYP)
Tc=25℃(MAX)
Tc=25℃(TYP)
せん頭サージ順電流耐量
Peak Surge Forward Current Capability
順電力損失曲線
Forward Power Dissipation
300
200
150
100
250
50
01
100
50
10
5
2
20
1cycle
10ms10ms
Sine wave
Non-repetitive
Tj=150℃
DC
D=0.
8
0.
5
0.
3
0.
2
0.
1
0.
05
SIN
DC
D=0.
8
0.
5
0.
3
0.
2
0.
1
0.
05
SIN
接合容量
Junction Capacitance
逆電力損失曲線
Reverse Power Dissipation
逆方向特性
Reverse Current
10000
10
1000
100
0.
1
90
10
1
0.
2
20
2
0.
5
50
5
0
15
20
5
10
25
30
40
35
0
40
20
60
120
100
80
1000
0.
001
0.
01
10
100
0.
1
1
0
20
80
100
40
60
f=1MHz
Tc=25℃
TYP
Per diode
過渡熱抵抗
Transient Thermal Impedance
10
0.01
1
0.1
10-4
10-3
10-2
10-1
100
101
Tj=150℃
D=tp/T
T
tp
0
IO
DC
D=0.
05
0.
1
0.
2
0.
3
0.
5
SIN
0.
8
DC
D=0.
05
0.
1
0.
2
0.
3
0.
5
SIN
0.
8
Tc=100℃(TYP)
Tc=150℃(TYP)
Tc=125℃(TYP)
Tc= 75℃(TYP)
Tc= 50℃(TYP)
Tc= 25℃(TYP)
Tj=150℃
D=tp/T
T
tp
0
VR
ディレーティングカーブ Tc-Io
Derating Curve Tc-Io
0
5
15
10
20
35
30
25
40
0
20
40
60
80 100
160
140
120
DC
D=0.
8
0.
5
SIN
0.
3
0.
2
0.
1
0.
05
DC
D=0.
8
0.
5
SIN
0.
3
0.
2
0.
1
0.
05
D=tp/T
VR=45V
T
tp
0
0
IO
VR
0
5
10
20
25
30
35
15
Pulse measurement
Per diode
Pulse measurement
Per diode
θ
θjcjc
θjc
Forward Voltage VF〔V〕
Average Rectified Forward Current IO〔A〕
Number of Cycles 〔cycle〕
Reverse Voltage VR〔V〕
Reverse Voltage VR〔V〕
Reverse Voltage VR〔V〕
Case Temperature Tc 〔℃〕
Time t〔s〕
S20SC9MT
*Si
newaveは50Hzで測定しています。
*50Hzsi
newavei
susedf
ormeasur
ement
s.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com