Electronic Components Datasheet Search
  English  ▼

X  

MMDT4124 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MMDT4124
Description  DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMDT4124 Datasheet(HTML) 1 Page - Diodes Incorporated

  MMDT4124 Datasheet HTML 1Page - Diodes Incorporated MMDT4124 Datasheet HTML 2Page - Diodes Incorporated MMDT4124 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MMDT4124
Document number: DS30164 Rev. 10 - 2
1 of 3
www.diodes.com
January 2009
© Diodes Incorporated
MMDT4124
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Features
•
Epitaxial Planar Die Construction
•
Complementary PNP Type Available (MMDT4126)
•
Ideal for Medium Power Amplification and Switching
•
Ultra-Small Surface Mount Package
•
Lead Free/RoHS Compliant (Note 3)
•
Qualified to AEC-Q101 Standards for High Reliability
•
"Green" Device (Notes 5 and 6)
Mechanical Data
•
Case: SOT-363
•
Case Material: Molded Plastic, “Green” Molding Compound,
Note 6. UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020D
•
Terminals: Matte Tin Finish annealed over Alloy 42 leadframe
(Lead Free Plating) Solderable per MIL-STD-202, Method 208
•
Terminal Connections: See Diagram
•
Marking Information: See Page 3
•
Ordering Information: See Page 3
•
Weight: 0.006 grams (approximate)
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
30
V
Collector-Emitter Voltage
VCEO
25
V
Emitter-Base Voltage
VEBO
5.0
V
Collector Current – Continuous
(Note 1)
IC
200
mA
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation
(Notes 1 & 2)
PD
200
mW
Thermal Resistance, Junction to Ambient
(Note 1)
RθJA
625
°C/W
Operating and Storage and Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 4)
Collector-Base Breakdown Voltage
V(BR)CBO
30
⎯
V
IC = 10μA, IE = 0
Collector-Emitter Breakdown Voltage
V(BR)CEO
25
⎯
V
IC = 1.0mA, IB = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
5.0
⎯
V
IE = 10μA, IC = 0
Collector Cutoff Current
ICBO
⎯
50
nA
VCB = 20V, IE = 0V
Emitter Cutoff Current
IEBO
⎯
50
nA
VEB = 3.0V, IC = 0V
ON CHARACTERISTICS (Note 4)
DC Current Gain
hFE
120
60
360
⎯
⎯
IC = 2.0mA, VCE = 1.0V
IC = 50mA, VCE = 1.0V
Collector-Emitter Saturation Voltage
VCE(SAT)
⎯
0.30
V
IC = 50mA, IB = 5.0mA
Base-Emitter Saturation Voltage
VBE(SAT)
⎯
0.95
V
IC = 50mA, IB = 5.0mA
SMALL SIGNAL CHARACTERISTICS
Output Capacitance
Cobo
⎯
4.0
pF
VCB = 5.0V, f = 1.0MHz, IE = 0
Input Capacitance
Cibo
⎯
8.0
pF
VEB = 0.5V, f = 1.0MHz, IC = 0
Small Signal Current Gain
hfe
120
480
⎯
VCE = 1.0V, IC = 2.0mA, f = 1.0kHz
Current Gain-Bandwidth Product
fT
300
⎯
MHz
VCE = 20V, IC = 10mA, f = 100MHz
Noise Figure
NF
⎯
5.0
dB
VCE = 5.0V, IC = 100μA,
RS = 1.0kΩ, f = 1.0kHz
Notes:
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which
can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2. Maximum combined dissipation.
3. No purposefully added lead.
4. Short duration pulse test used to minimize self-heating effect.
5. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
6. Product manufactured with Date Code UO (week 40, 2007) and newer are built with Green Molding Compound. Product manufactured prior to Date
Code UO are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
Top View
Device Schematic
C
2
B
1
E
1
E
2
B
2
C
1
Please click here to visit our online spice models database.


Similar Part No. - MMDT4124

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMDT4124 DIODES-MMDT4124 Datasheet
46Kb / 2P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30164 Rev. C-1
MMDT4124 DIODES-MMDT4124 Datasheet
267Kb / 7P
25V DUAL NPN SMALL SIGNAL TRANSISTOR
Rev 12
MMDT4124-7-F DIODES-MMDT4124-7-F Datasheet
267Kb / 7P
25V DUAL NPN SMALL SIGNAL TRANSISTOR
Rev 12
MMDT4124 DIODES-MMDT4124_15 Datasheet
79Kb / 3P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 10
MMDT4124 DIODES-MMDT4124_16 Datasheet
267Kb / 7P
25V DUAL NPN SMALL SIGNAL TRANSISTOR
Rev 12
More results

Similar Description - MMDT4124

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMDT3904 DIODES-MMDT3904 Datasheet
60Kb / 3P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30088 Rev. 7 - 2
MMDT4124 DIODES-MMDT4124 Datasheet
46Kb / 2P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30164 Rev. C-1
MMDT2222V DIODES-MMDT2222V Datasheet
69Kb / 4P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30563 Rev. 2 - 0
MMDT3904 DIODES-MMDT3904_1 Datasheet
121Kb / 4P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30088 Rev. 11 - 2
MMDT4401 DIODES-MMDT4401_08 Datasheet
178Kb / 4P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30111 Rev. 13 - 2
BC847BVC DIODES-BC847BVC_09 Datasheet
110Kb / 4P
NPN DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30638 Rev. 5 - 2
MMDT4124 DIODES-MMDT4124_15 Datasheet
79Kb / 3P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 10
MMDT4401 DIODES-MMDT4401_15 Datasheet
178Kb / 4P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 13
IMX8 DIODES-IMX8_15 Datasheet
125Kb / 3P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 8
MMDT3904VC DIODES-MMDT3904VC_15 Datasheet
450Kb / 4P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 4
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com