Electronic Components Datasheet Search
  English  ▼

X  

BC847BS Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BC847BS
Description  DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC847BS Datasheet(HTML) 2 Page - Diodes Incorporated

  BC847BS Datasheet HTML 1Page - Diodes Incorporated BC847BS Datasheet HTML 2Page - Diodes Incorporated BC847BS Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0
50
100
150
200
250
0120
200
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Power Derating Curve
A
°
160
40
80
1
10
100
1,000
1.0
10
100
0.1
0.01
I , COLLECTOR CURRENT (mA)
Fig. 2 Typical DC Current Gain vs. Collector Current
C
0
0.1
0.2
0.3
0.4
0.5
0.1
1.0
10
100
I , COLLECTOR CURRENT (mA)
C
Fig. 3 Typical Collector Saturation Voltage vs, Collector Current
10
100
1,000
0.1
1.0
10
100
I , COLLECTOR CURRENT (mA)
C
T = 25 C
A
°
V
= 10V
CE
5V
2V
Fig. 4 Typical Gain Bandwidth Product vs. Collector Current
Ordering Information (Note 6)
Device
Packaging
Shipping
BC847BS-7-F
SOT-363
3000/Tape & Reel
Notes:
6.
For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
DS30222 Rev. 12 - 2
2 of 3
www.diodes.com
BC847BS
© Diodes Incorporated
K1F
YM
K1F = Product Type Marking Code
YM = Date Code Marking
Y = Year ex: N = 2002
M = Month ex: 9 = September
Date Code Key
Year
1998
1999
2000
2001
2002
2003
2004
2005
2006
2007
2008
2009
2010
2011
2012
Code
J
K
L
M
N
P
R
S
T
U
V
W
X
Y
Z
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com