Electronic Components Datasheet Search
  English  ▼

X  

BAW156 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAW156
Description  DUAL SURFACE MOUNT LOW LEAKAGE DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAW156 Datasheet(HTML) 1 Page - Diodes Incorporated

  BAW156 Datasheet HTML 1Page - Diodes Incorporated BAW156 Datasheet HTML 2Page - Diodes Incorporated BAW156 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAW156
DUAL SURFACE MOUNT LOW LEAKAGE DIODE
Features
•
Surface Mount Package Ideally Suited for Automated Insertion
•
Very Low Leakage Current
•
Lead Free/RoHS Compliant (Note 3)
Mechanical Data
•
Case: SOT-23
•
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020D
•
Terminals: Solderable per MIL-STD-202, Method 208
•
Lead Free Plating (Matte Tin Finish annealed over Alloy 42
leadframe).
•
Polarity: See Diagram
•
Marking Information: See Page 3
•
Ordering Information: See Page 3
•
Weight: 0.008 grams (approximate)
SOT-23
Internal Schematic
TOP VIEW
TOP VIEW
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
85
V
RMS Reverse Voltage
VR(RMS)
60
V
Forward Continuous Current
Single diode
(Note 2)
Double diode
IFM
160
140
mA
Repetitive Peak Forward Current (Note 2)
IFRM
500
mA
Non-Repetitive Peak Forward Surge Current
@ t = 1.0
μs
@ t = 1.0ms
@ t = 1.0s
IFSM
4.0
1.0
0.5
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 2)
PD
250
mW
Thermal Resistance Junction to Ambient Air (Note 2)
RθJA
500
°C/W
Operating and Storage Temperature Range
TJ , TSTG
-65 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 1)
V(BR)R
85
⎯
⎯
V
IR = 100μA
Forward Voltage
VF
⎯
⎯
0.90
1.0
1.1
1.25
V
IF = 1.0mA
IF = 10mA
IF = 50mA
IF = 150mA
Leakage Current (Note 1)
IR
⎯
⎯
5.0
80
nA
nA
VR = 75V
VR = 75V, TJ = 150°C
Total Capacitance
CT
⎯
3
⎯
pF
VR = 0, f = 1.0MHz
Reverse Recovery Time
trr
⎯
⎯
3.0
μs
IF = IR = 10mA,
Irr = 0.1 x IR, RL = 100Ω
Notes:
1. Short duration pulse test used to minimize self-heating effect.
2. Part mounted on FR-4 board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
3. No purposefully added lead.
BAW156
Document number: DS30231 Rev. 9 - 2
1 of 3
www.diodes.com
March 2008
© Diodes Incorporated
Please click here to visit our online spice models database.


Similar Part No. - BAW156

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAW156 PHILIPS-BAW156 Datasheet
69Kb / 8P
Low-leakage double diode
1999 May 11
logo
Siemens Semiconductor G...
BAW156 SIEMENS-BAW156 Datasheet
98Kb / 4P
Silicon Low Leakage Diode Array (Low-leakage applications Medium speed switching times Common anode)
logo
Diodes Incorporated
BAW156 DIODES-BAW156 Datasheet
44Kb / 2P
Introducing Very Low Leakage SOT-23 Diodes:
DS30233 Rev. 9 - 2
logo
Infineon Technologies A...
BAW156 INFINEON-BAW156 Datasheet
445Kb / 4P
Silicon Low Leakage Diode
Mar-10-2004
logo
Diodes Incorporated
BAW156 DIODES-BAW156 Datasheet
351Kb / 3P
DUAL SURFACE MOUNT LOW LEAKAGE DIODE
DS30231 Rev. 8 - 2
More results

Similar Description - BAW156

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAV199 DIODES-BAV199 Datasheet
155Kb / 2P
DUAL SURFACE MOUNT LOW LEAKAGE DIODE
DS30232 Rev. 3 - 2
BAV199 DIODES-BAV199_1 Datasheet
355Kb / 3P
DUAL SURFACE MOUNT LOW LEAKAGE DIODE
DS30232 Rev. 6 - 2
logo
Galaxy Semi-Conductor H...
BAV199 BILIN-BAV199 Datasheet
171Kb / 3P
Dual surface mount low leakage diode
logo
Diodes Incorporated
BAV170 DIODES-BAV170 Datasheet
106Kb / 3P
DUAL SURFACE MOUNT LOW LEAKAGE DIODE
DS30234 Rev. 9 - 2
BAV199W DIODES-BAV199W_08 Datasheet
116Kb / 3P
DUAL SURFACE MOUNT LOW LEAKAGE DIODE
DS30462 Rev. 6 - 2
BAV170 DIODES-BAV170_15 Datasheet
86Kb / 4P
DUAL SURFACE MOUNT LOW LEAKAGE DIODE
Rev 11
BAV199 DIODES-BAV199_15 Datasheet
85Kb / 4P
DUAL SURFACE MOUNT LOW LEAKAGE DIODE
Rev 9
logo
Unisonic Technologies
BAV199 UTC-BAV199_15 Datasheet
117Kb / 3P
DUAL SURFACE MOUNT LOW LEAKAGE DIODE
logo
Diode Semiconductor Kor...
BAV199 DSK-BAV199 Datasheet
218Kb / 3P
Dual surface mount low leakage diode
logo
Diodes Incorporated
BAV170 DIODES-BAV170_18 Datasheet
290Kb / 4P
DUAL SURFACE MOUNT LOW LEAKAGE DIODE
Rev 12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com