Electronic Components Datasheet Search
  English  ▼

X  

B340LA Datasheet(PDF) 1 Page - Diodes Incorporated

Part # B340LA
Description  3.0A LOW VF SCHOTTKY BARRIER RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B340LA Datasheet(HTML) 1 Page - Diodes Incorporated

  B340LA Datasheet HTML 1Page - Diodes Incorporated B340LA Datasheet HTML 2Page - Diodes Incorporated B340LA Datasheet HTML 3Page - Diodes Incorporated B340LA Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
B340LA/B
Document number: DS30240 Rev. 10 - 2
1 of 4
www.diodes.com
September 2010
© Diodes Incorporated
B340LA/B
3.0A LOW VF SCHOTTKY BARRIER RECTIFIER
Features
•
Very Low Forward Voltage Drop
•
Guard Ring Die Construction for Transient Protection
•
Ideally Suited for Automated Assembly
•
Low Power Loss, High Efficiency
•
Surge Overload Rating to 70A Peak
•
Lead Free Finish, RoHS Compliant (Note 1)
•
Green Molding Compound (No Halogen and Antimony)
(Note 2)
Mechanical Data
•
Case: SMA/SMB
•
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Lead Free Plating (Matte Tin Finish). Solderable per
MIL-STD-202, Method 208
•
Polarity: Cathode Band or Cathode Notch
•
Weight: SMA 0.064 grams (approximate)
SMB 0.093 grams (approximate)
Ordering Information (Note 3)
Part Number
Case
Packaging
B340LA-13-F
SMA
5000/Tape & Reel
B340LB-13-F
SMB
3000/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied, see EU Directive 2002/95/EC Annex Notes
2. Product manufactured with Data Code 0924 (week 24, 2009) and newer are built with Green Molding Compound.
3. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
Top View
Bottom View
 
Green
B340LA = Product type marking code, ex: B340LA (SMA package)
B340LB = Product type marking code, ex: B340LB (SMB package)
= Manufacturers’ code marking
YWW = Date code marking
Y = Last digit of year (ex: 2 for 2002)
WW = Week code (01 – 53)
YWW
B340Lx


Similar Part No. - B340LA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B340LA DIODES-B340LA Datasheet
67Kb / 2P
3.0A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30240 Rev. B-2
logo
Weitron Technology
B340LA WEITRON-B340LA Datasheet
214Kb / 3P
Low VF Surface Mount Schottky Barrier Rectifiers
logo
Linear Technology
B340LA LINER-B340LA Datasheet
293Kb / 24P
42V, 2.5A, 2MHz Step-Down Switching Regulator with 2.7關A Quiescent Current
logo
Diodes Incorporated
B340LA-13-F DIODES-B340LA-13-F Datasheet
459Kb / 3P
3.0A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30240 Rev. 6 - 2
B340LA-13-F DIODES-B340LA-13-F Datasheet
98Kb / 4P
Very Low Forward Voltage Drop
Rev 10
More results

Similar Description - B340LA

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SL32 WTE-SL32 Datasheet
40Kb / 3P
3.0A LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
B340LA DIODES-B340LA Datasheet
67Kb / 2P
3.0A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30240 Rev. B-2
SB330L DIODES-SB330L Datasheet
54Kb / 2P
3.0A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30219 Rev. C-2
B340LA DIODES-B340LA_1 Datasheet
459Kb / 3P
3.0A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30240 Rev. 6 - 2
logo
Sanyo Semicon Device
SBS813 SANYO-SBS813 Datasheet
40Kb / 3P
Low VF Schottky Barrier Diode 30V, 3.0A Rectifier
SS3003CH SANYO-SS3003CH Datasheet
43Kb / 3P
Low VF Schottky Barrier Diode 30V, 3.0A Rectifier
logo
Diodes Incorporated
B340LAB DIODES-B340LAB_15 Datasheet
98Kb / 4P
3.0A LOW VF SCHOTTKY BARRIER RECTIFIER
Rev 10
logo
Zibo Seno Electronic En...
SR330L ZSELEC-SR330L Datasheet
125Kb / 2P
3.0A LOW VF SCHOTTKY BARRIER DIODE
logo
PACELEADER INDUSTRIAL
SL32-AL PACELEADER-SL32-AL Datasheet
594Kb / 4P
3.0A LOW VF SCHOTTKY BARRIER
SL32-BL PACELEADER-SL32-BL Datasheet
602Kb / 4P
3.0A LOW VF SCHOTTKY BARRIER RECTIFIERS-20V-40V
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com