Electronic Components Datasheet Search
  English  ▼

X  

BAT1000 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAT1000
Description  1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAT1000 Datasheet(HTML) 1 Page - Diodes Incorporated

  BAT1000 Datasheet HTML 1Page - Diodes Incorporated BAT1000 Datasheet HTML 2Page - Diodes Incorporated BAT1000 Datasheet HTML 3Page - Diodes Incorporated BAT1000 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAT1000
Document number: DS30245 Rev. 9 - 2
1 of 4
www.diodes.com
October 2010
© Diodes Incorporated
BAT1000
1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Features
•
Very Low Forward Voltage Drop
•
High Conductance
•
For Use in DC-DC Converter, PCMCIA, and Mobile
Telecommunications Applications
•
Lead, Halogen and Antimony Free, RoHS Compliant "Green"
Device (Notes 1 and 2)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: SOT-23
•
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Matte Tin Finish annealed over Alloy 42 leadframe
(Lead Free Plating). Solderable per MIL-STD-202, Method 208
•
Polarity: See Diagram
•
Weight: 0.008 grams (approximate)
Ordering Information (Note 3)
Part Number
Case
Packaging
BAT1000-7-F
SOT-23
3000/Tape & Reel
Notes:
1. No purposefully added lead. Halogen and Antimony Free.
2. Product manufactured with Data Code V9 (week 33, 2008) and newer are built with Green Molding Compound. Product manufactured prior to Date
Code V9 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
3. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Date Code Key
Year
2002
2003
2004
2005
2006
2007
2008
2009
2010
2011
2012
Code
N
P
R
S
T
U
V
W
X
Y
Z
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top View
Schematic and Pin Configuration
TOP VIEW
K79 = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: N = 2002)
M = Month (ex: 9 = September)
K79


Similar Part No. - BAT1000

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAT1000 DIODES-BAT1000 Datasheet
79Kb / 3P
1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30245 Rev 2 - 2
BAT1000 DIODES-BAT1000 Datasheet
364Kb / 3P
1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30245 Rev. 6 - 2
BAT1000-7 DIODES-BAT1000-7 Datasheet
79Kb / 3P
1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30245 Rev 2 - 2
BAT1000-7-F DIODES-BAT1000-7-F Datasheet
364Kb / 3P
1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30245 Rev. 6 - 2
BAT1000 DIODES-BAT1000_1 Datasheet
364Kb / 3P
1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30245 Rev. 6 - 2
More results

Similar Description - BAT1000

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAT1000 DIODES-BAT1000 Datasheet
79Kb / 3P
1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30245 Rev 2 - 2
BAT1000 DIODES-BAT1000_1 Datasheet
364Kb / 3P
1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30245 Rev. 6 - 2
logo
SeCoS Halbleitertechnol...
SCS491DJ SECOS-SCS491DJ Datasheet
90Kb / 2P
1A , 25V Surface Mount Schottky Barrier Rectifier
SCS491D SECOS-SCS491D_11 Datasheet
62Kb / 2P
1A , 25V Surface Mount Schottky Barrier Rectifier
logo
Frontier Electronics.
FM102-LFR FRONTIER-FM102-LFR Datasheet
119Kb / 2P
1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
LK12-LFR FRONTIER-LK12-LFR Datasheet
121Kb / 2P
1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SM5817 FRONTIER-SM5817 Datasheet
126Kb / 2P
1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Yea Shin Technology Co....
BAT140 YEASHIN-BAT140 Datasheet
124Kb / 3P
1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
MBR180S1 DIODES-MBR180S1 Datasheet
364Kb / 5P
1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev erse
logo
Taiwan Semiconductor Co...
SS120 TSC-SS120 Datasheet
286Kb / 5P
1A, 200V Surface Mount Schottky Barrier Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com