Electronic Components Datasheet Search
  English  ▼

X  

B0530WS Datasheet(PDF) 1 Page - Diodes Incorporated

Part # B0530WS
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B0530WS Datasheet(HTML) 1 Page - Diodes Incorporated

  B0530WS Datasheet HTML 1Page - Diodes Incorporated B0530WS Datasheet HTML 2Page - Diodes Incorporated B0530WS Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
B0530WS
Document number: DS30249 Rev. 13 - 2
1 of 3
www.diodes.com
December 2008
© Diodes Incorporated
B0530WS
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Features
•
Low Forward Voltage Drop
•
Guard Ring Construction for Transient Protection
•
High Conductance
•
Lead, Halogen and Antimony Free, RoHS Compliant
"Green" Device (Notes 3 and 4)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: SOD-323
•
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020D
•
Lead Free Plating (Matte Tin Finish annealed over Alloy 42
leadframe). Solderable per MIL-STD-202, Method 208
•
Polarity: Cathode Band
•
Marking Information: See Page 3
•
Ordering Information: See Page 3
•
Weight: 0.004 grams (approximate)
Maximum Ratings @TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
V
RMS Reverse Voltage
VR(RMS)
21
V
Average Rectified Output Current (See Figure 1)
IO
0.5
A
Peak Repetitive Forward Current tp = 8.3ms, half sine-wave
IFRM
3.5
A
Non-Repetitive Peak Forward Surge Current
8.3ms single half sine-wave superimposed on rated load
IFSM
2
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 1)
PD
235
mW
Typical Thermal Resistance Junction to Ambient (Note 1)
RθJA
426
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-40 to +125
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
Reverse Breakdown Voltage (Note 2)
V(BR)R
30
⎯
⎯
V
IR = 500μA
Forward Voltage Drop
VF
⎯
⎯
⎯
0.40
0.36
0.45
V
IF = 0.1A
IF = 0.5A
Leakage Current (Note 2)
IR
⎯
⎯
⎯
⎯
⎯
⎯
80
100
500
μA
VR = 15V
VR = 20V
VR = 30V
Total Capacitance
CT
⎯
58
⎯
pF
f = 1MHz, VR = 0V DC
Notes:
1. Part mounted on FR-4 PC board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2. Short duration pulse test used to minimize self-heating effect.
3. No purposefully added lead. Halogen and Antimony Free.
4. Product manufactured with Data Code V9 (week 33, 2008) and newer are built with Green Molding Compound. Product manufactured prior to Date Code
V9 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
Top View
Please click here to visit our online spice models database.


Similar Part No. - B0530WS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B0530WS DIODES-B0530WS Datasheet
68Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30249 Rev. C-2
logo
Weitron Technology
B0530WS WEITRON-B0530WS Datasheet
209Kb / 3P
Surface Mount Schottky Barrier Diode
logo
Diodes Incorporated
B0530WS DIODES-B0530WS Datasheet
82Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30249 Rev. 10 - 2
logo
Taiwan Semiconductor Co...
B0530WS TSC-B0530WS Datasheet
51Kb / 2P
0.5A Surface Mount Schottky Barrier Rectifier
B0530WS TSC-B0530WS Datasheet
243Kb / 2P
0.5AMP Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - B0530WS

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com