Electronic Components Datasheet Search
  English  ▼

X  

BC847AT Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BC847AT
Description  NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC847AT Datasheet(HTML) 2 Page - Diodes Incorporated

  BC847AT_2 Datasheet HTML 1Page - Diodes Incorporated BC847AT_2 Datasheet HTML 2Page - Diodes Incorporated BC847AT_2 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30274 Rev. 9 - 2
2 of 3
www.diodes.com
BC847AT, BT, CT
© Diodes Incorporated
0
100
150
50
200
250
0120
200
1
10
100
1,000
1.0
10
100
0.1
0.01
V
= 5V
CE
T , AMBIENT TEMPERATURE (°C)
Fig. 1, Power Derating Curve
A
T = 100 C
A
°
T = 25 C
A
°
40
80
160
T = -50 C
A
°
I , COLLECTOR CURRENT (mA)
Fig. 2, DC Current Gain vs Collector Current
C
10
100
1,000
0.1
1.0
10
100
I , COLLECTOR CURRENT (mA)
Fig. 4, Gain Bandwidth Product vs Collector Current
C
T = 25 C
A
°
V
= 10V
CE
V
= 5V
CE
V
= 2V
CE
0
0.1
0.2
0.3
0.4
0.5
0.1
1.0
10
100
I , COLLECTOR CURRENT (mA)
Fig. 3, Collector Saturation Voltage vs Collector Current
C
Ordering Information (Note 4)
Device
Packaging
Shipping
BC847AT-7-F
SOT-523
3000/Tape & Reel
BC847BT-7-F
SOT-523
3000/Tape & Reel
BC847CT-7-F
SOT-523
3000/Tape & Reel
Notes:
4. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
XXYM
XX = Product Type Marking Code (See Page 1), e.g. 1E = BC847AT
YM = Date Code Marking
Y = Year (ex: N = 2002)
M = Month (ex: 9 = September)
Date Code Key
Year
1998
1999
2000
2001
2002
2003
2004
2005
2006
2007
2008
2009
2010
2011
2012
Code
J
K
L
M
N
P
R
S
T
U
V
W
X
Y
Z
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com