Electronic Components Datasheet Search
  English  ▼

X  

BC847PN Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BC847PN
Description  COMPLEMENTARY PAIR SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC847PN Datasheet(HTML) 2 Page - Diodes Incorporated

  BC847PN Datasheet HTML 1Page - Diodes Incorporated BC847PN Datasheet HTML 2Page - Diodes Incorporated BC847PN Datasheet HTML 3Page - Diodes Incorporated BC847PN Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BC847PN
Document number: DS30278 Rev. 12 - 2
2 of 4
www.diodes.com
November 2008
© Diodes Incorporated
BC847PN
Electrical Characteristics, NPN Section @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
(Note 5)
V(BR)CBO
50
—
—
V
IC = 10μA, IB = 0
Collector-Emitter Breakdown Voltage
(Note 5)
V(BR)CEO
45
—
—
V
IC = 10mA, IB = 0
Emitter-Base Breakdown Voltage
(Note 5)
V(BR)EBO
6
—
—
V
IE = 1μA, IC = 0
DC Current Gain
(Note 5)
hFE
200
290
450
—
VCE = 5.0V, IC = 2.0mA
Collector-Emitter Saturation Voltage
(Note 5)
VCE(SAT)
—
90
200
250
600
mV
IC = 10mA, IB = 0.5mA
IC = 100mA, IB = 5.0mA
Base-Emitter Saturation Voltage
(Note 5)
VBE(SAT)
—
700
900
—
mV
IC = 10mA, IB = 0.5mA
IC = 100mA, IB = 5.0mA
Base-Emitter Voltage
(Note 5)
VBE(ON)
580
—
660
—
700
720
mV
VCE = 5.0V, IC = 2.0mA
VCE =5.0V, IC = 10mA
Collector-Cutoff Current
(Note 5)
ICBO
ICBO
—
—
—
—
15
5.0
nA
µA
VCB = 30V
VCB = 30V, TA = 150°C
Gain Bandwidth Product
fT
100
300
—
MHz
VCE = 5.0V, IC = 10mA, f = 100MHz
Collector-Base Capacitance
CCBO
—
3.5
6.0
pF
VCB = 10V, f = 1.0MHz
Noise Figure
NF
—
2.0
10
dB
VCE = 5V, IC = 200µA, RG = 2.0kΩ,
f = 1.0kHz,
Δf = 200Hz
Electrical Characteristics, PNP Section @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
(Note 5)
V(BR)CBO
-50
—
—
V
IC = -10μA, IB = 0
Collector-Emitter Breakdown Voltage
(Note 5)
V(BR)CEO
-45
—
—
V
IC = -10mA, IB = 0
Emitter-Base Breakdown Voltage
(Note 5)
V(BR)EBO
-5
—
—
V
IE = -1μA, IC = 0
DC Current Gain
(Note 5)
hFE
220
290
475
—
VCE = -5.0V, IC = -2.0mA
Collector-Emitter Saturation Voltage
(Note 5)
VCE(SAT)
—
-75
-250
-300
-650
mV
IC = -10mA, IB = -0.5mA
IC = -100mA, IB = -5.0mA
Base-Emitter Saturation Voltage
(Note 5)
VBE(SAT)
—
-700
-850
—
-950
mV
IC = -10mA, IB = -0.5mA
IC = -100mA, IB = -5.0mA
Base-Emitter Voltage
(Note 5)
VBE(ON)
-600
—
-650
—
-750
-820
mV
VCE = -5.0V, IC = -2.0mA
VCE = -5.0V, IC = -10mA
Collector-Cutoff Current
(Note 5)
ICBO
ICBO
—
—
—
—
-15
-4.0
nA
µA
VCB = -30V
VCB = -30V, TA = 150°C
Gain Bandwidth Product
fT
100
200
—
MHz
VCE = -5.0V, IC = -10mA, f = 100MHz
Collector-Base Capacitance
CCBO
—
3
4.5
pF
VCB = -10V, f = 1.0MHz
Noise Figure
NF
—
—
10
dB
VCE = -5V, IC = -200µA, RG = 2.0kΩ,
f = 1.0kHz,
Δf = 200Hz
Notes:
5. Short duration pulse test used to minimize self-heating effect.
0
50
100
150
200
250
0
40
80
120
160
200
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Power Dissipation vs. Ambient Temperature
(Total Device, Note 1)
A
°
R°C/W
θJA = 625
1
10
100
1,000
1.0
10
100
0.1
0.01
I , COLLECTOR CURRENT (mA)
Fig. 2 Typical DC Current Gain vs. Collector Current (NPN)
C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com