Electronic Components Datasheet Search
  English  ▼

X  

C21182102 Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # C21182102
Description  Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 20, Conductor/Strands: Solid
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

C21182102 Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  C21182102 Datasheet HTML 1Page - General Cable Technologies Corporation C21182102 Datasheet HTML 2Page - General Cable Technologies Corporation C21182102 Datasheet HTML 3Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
C2118.21.02
Product SKU:
Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 20, Conductor/Strands: Solid, Jacket:
Product Description:
Premium Grade PVC, Temperature Range: -20°C to +105°C - White - 1000 Ft. Spool
Product Category:
Electronics - Hook-Up Wire - UL 1015, CSA TEW - SOLID CONDUCTORS - White
Product Construction:
Conductor:
24 thru 10 AWG
Fully-annealed, tinned copper per ASTM B-33
Solid or stranded
Insulation:
Color Code: See chart below
Premium grade color-coded PVC
Temperature range: -20°C to +105°C
Product Specification:
Conductor Size (AWG):
20
Conductor/Strands:
Solid
No. of Pairs:
1
Jacket Color:
White
Nominal Insulation Thickness
0.032
(in):
Nominal Insulation Thickness
0.81
(mm):
Nominal Outside Diameter (in):
0.096
Nominal Outside Diameter
2.44
(mm):
Standard Packaging:
1000' Spool


Similar Part No. - C21182102

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C21182101 GENERAL-C21182101 Datasheet
74Kb / 3P
Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 20, Conductor/Strands: Solid
C21182105 GENERAL-C21182105 Datasheet
74Kb / 3P
Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 20, Conductor/Strands: Solid
C21182107 GENERAL-C21182107 Datasheet
73Kb / 3P
Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 20, Conductor/Strands: Solid
More results

Similar Description - C21182102

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C21172103 GENERAL-C21172103 Datasheet
73Kb / 3P
Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 22, Conductor/Strands: Solid
C21172106 GENERAL-C21172106 Datasheet
73Kb / 3P
Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 22, Conductor/Strands: Solid
C21182101 GENERAL-C21182101 Datasheet
74Kb / 3P
Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 20, Conductor/Strands: Solid
C21182105 GENERAL-C21182105 Datasheet
74Kb / 3P
Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 20, Conductor/Strands: Solid
C21182107 GENERAL-C21182107 Datasheet
73Kb / 3P
Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 20, Conductor/Strands: Solid
21182108 GENERAL-21182108 Datasheet
73Kb / 3P
Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 20, Conductor/Strands: Solid
C21192102 GENERAL-C21192102 Datasheet
73Kb / 3P
Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 18, Conductor/Strands: Solid
C21192104 GENERAL-C21192104 Datasheet
73Kb / 3P
Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 18, Conductor/Strands: Solid
C21192107 GENERAL-C21192107 Datasheet
73Kb / 3P
Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 18, Conductor/Strands: Solid
C21192108 GENERAL-C21192108 Datasheet
73Kb / 3P
Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 18, Conductor/Strands: Solid
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com