Electronic Components Datasheet Search
  English  ▼

X  

UDZ10B Datasheet(PDF) 3 Page - Diodes Incorporated

Part # UDZ10B
Description  SURFACE MOUNT PRECISION ZENER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

UDZ10B Datasheet(HTML) 3 Page - Diodes Incorporated

  UDZ10B Datasheet HTML 1Page - Diodes Incorporated UDZ10B Datasheet HTML 2Page - Diodes Incorporated UDZ10B Datasheet HTML 3Page - Diodes Incorporated UDZ10B Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UDZ5V1B-UDZ15B
UDZ5V1B-UDZ15B
Document number: DS30290 Rev. 14 - 2
3 of 4
www.diodes.com
September 2008
© Diodes Incorporated
-0.08
0.12
-0.04
-0.06
06
10
-0.08
0.12
-0.04
-0.06
10
16
20
V , ZENER VOLTAGE (V)
Z
Fig. 8 Typical Temperature Coefficient of
Zener Voltage vs. Zener Voltage, UDZ10B-UDZ15B
14
12
18
-0.02
0
0.02
0.04
0.06
0.08
0.10
V , ZENER VOLTAGE (V)
Z
Fig. 7 Typical Temperature Coefficient of
Zener Voltage vs. Zener Voltage, UDZ6V2B-UDZ10B
4
2
8
-0.02
0
0.02
0.04
0.06
0.08
0.10
Ordering Information (Note 6)
Device
Packaging
Shipping
(Type Number)-7*
SOD-323
3000/Tape & Reel
* Add “-7” to the appropriate type number in Electrical Characteristics Table from Page 1 example: 6.2V Zener = UDZ6V2B-7.
Notes:
6. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
XX
xx = Product Type Marking Code
(See Electrical Characteristics Table)
Package Outline Dimensions
SOD-323
Dim
Min
Max
A
0.25
0.35
B
1.20
1.40
C
2.30
2.70
H
1.60
1.80
J
0.00
0.10
K
1.0
1.1
L
0.20
0.40
M
0.10
0.15
α
0°
8°
All Dimensions in mm
K
L
M
J
C
H
BA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com