Electronic Components Datasheet Search
  English  ▼

X  

B130LAW Datasheet(PDF) 1 Page - Diodes Incorporated

Part # B130LAW
Description  1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B130LAW Datasheet(HTML) 1 Page - Diodes Incorporated

  B130LAW Datasheet HTML 1Page - Diodes Incorporated B130LAW Datasheet HTML 2Page - Diodes Incorporated B130LAW Datasheet HTML 3Page - Diodes Incorporated B130LAW Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
B130LAW
Document number: DS30308 Rev. 9 - 2
1 of 4
www.diodes.com
June 2008
© Diodes Incorporated
B130LAW
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Features
•
Guard Ring Die Construction for Transient Protection
•
Very Low Forward Voltage Drop
•
Lead, Halogen and Antimony Free, RoHS Compliant
"Green" Device (Notes 3 and 4)
Mechanical Data
•
Case: SOD-123
•
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020D
•
Lead Free Plating (Matte Tin Finish annealed over Alloy 42
leadframe) Solderable per MIL-STD-202, Method 208
•
Polarity: Cathode Band
•
Marking Information: See Page 3
•
Ordering Information: See Page 3
•
Weight: 0.01 grams (approximate)
Top View
Maximum Ratings @TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
V
RMS Reverse Voltage
VR(RMS)
21
V
Average Forward Current (See Figure 6)
IF(AV)
1.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
12
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 2)
PD
450
mW
Typical Thermal Resistance Junction to Ambient (Note 2)
RθJA
222
°C/W
Operating Temperature Range (See Figure 7)
TJ
-55 to +125
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 1)
V(BR)R
30
⎯
⎯
V
IR = 1.5mA
Forward Voltage
VF
⎯
⎯
⎯
0.25
0.35
0.38
⎯
0.37
0.42
V
IF = 0.1A
IF = 0.7A
IF =1.0A
Leakage Current (Note 1)
IR
⎯
0.15
1.0
mA
VR = 30V, TA = 25°C
Total Capacitance
CT
⎯
40
⎯
pF
VR = 10V, f = 1.0MHz
Notes:
1. Short duration pulse test used to minimize self-heating effect.
2. Part mounted on FR-4 board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
3. No purposefully added lead. Halogen and Antimony Free.
4. Product manufactured with Data Code V9 (week 33, 2008) and newer are built with Green Molding Compound. Product manufactured prior to Date
Code V9 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
Please click here to visit our online spice models database.


Similar Part No. - B130LAW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B130LAW DIODES-B130LAW Datasheet
66Kb / 3P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30308 Rev. 2 - 2
B130LAW DIODES-B130LAW Datasheet
431Kb / 4P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30308 Rev. 7 - 2
B130LAW DIODES-B130LAW Datasheet
296Kb / 5P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev erse
B130LAW-7 DIODES-B130LAW-7 Datasheet
69Kb / 3P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30151 Rev. 6 - 2
B130LAW-7-F DIODES-B130LAW-7-F Datasheet
431Kb / 4P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30308 Rev. 7 - 2
More results

Similar Description - B130LAW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B120B DIODES-B120B Datasheet
57Kb / 3P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13002 Rev. 13 - 2
B130L DIODES-B130L Datasheet
65Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30151 Rev. A-1
B130LAW DIODES-B130LAW Datasheet
66Kb / 3P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30308 Rev. 2 - 2
B140N DIODES-B140N Datasheet
65Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30136 Rev. A-0
B130L DIODES-B130L_1 Datasheet
69Kb / 3P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30151 Rev. 6 - 2
logo
SUNMATE electronic Co.,...
BYM13-20 SUNMATE-BYM13-20 Datasheet
222Kb / 2P
1.0A Surface Mount Schottky Barrier Rectifier
logo
Diodes Incorporated
B120B DIODES-B120B_15 Datasheet
133Kb / 5P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 18
DFLS120LQ DIODES-DFLS120LQ_15 Datasheet
202Kb / 5P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 1
DFLS130LQ DIODES-DFLS130LQ_15 Datasheet
202Kb / 5P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 1
B130L DIODES-B130L_15 Datasheet
118Kb / 4P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev erse
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com