Electronic Components Datasheet Search
  English  ▼

X  

DLPT05 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DLPT05
Description  SURFACE MOUNT DATALINE PROTECTION DEVICE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DLPT05 Datasheet(HTML) 1 Page - Diodes Incorporated

  DLPT05 Datasheet HTML 1Page - Diodes Incorporated DLPT05 Datasheet HTML 2Page - Diodes Incorporated DLPT05 Datasheet HTML 3Page - Diodes Incorporated DLPT05 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DLPT05
Document number: DS30310 Rev. 9 - 2
1 of 4
www.diodes.com
July 2008
© Diodes Incorporated
DLPT05
SURFACE MOUNT DATALINE PROTECTION DEVICE
Features
•
300 Watts Peak Pulse Power (tp = 8x20
μs)
•
Transient Protection for data line to IEC61000-4-2 level 4
(ESD), 8kV HBM
Contact: Discharge –
±30kV
Air: Discharge –
±30kV
•
IEC 61000-4-4 (EFT)
•
Low Leakage Current
•
Surface Mount Package Ideally Suited for Automated Insertion
•
Lead, Halogen and Antimony Free, RoHS Compliant
"Green" Device (Notes 4 and 5)
Mechanical Data
•
Case: SOT-23
•
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020D
•
Terminals: Solderable per MIL-STD-202, Method 208
•
Lead Free Plating (Matte Tin Finish annealed over Alloy 42
leadframe).
•
Terminal Connections: See Diagram
•
Marking Information: See Page 2
•
Ordering Information: See Page 2
•
Weight: 0.008 grams (approximate)
Top View
Device Schematic
TVS
VCC
GROUND
LINE TO
BE PROTECTED
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Pulse Power (tp = 8x20
μs)
PPK
300
W
Peak Forward Voltage (IPP = 1A, tp = 8x20μs)
VFP
2.1
V
Diode Peak Repetitive Reverse Voltage
VRRM
75
V
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Thermal Resistance, Junction to Ambient
RθJA
417
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Reverse
Standoff
Voltage
Breakdown Voltage
VBR @ IT
Test
Current
Max. Reverse
Leakage @ VRWM
Max. Clamping
Voltage @ Ipp = 1A
(Note 3)
Max. Peak Pulse
Current (Note 2)
Typical Total
Capacitance
VRWM (V)
Min (V)
Max (V)
IT (mA)
IR (μA)
VC (V)
(A)
(pF)
5
6.0
⎯
1.0
20
9.8
17
1.9
Notes:
1. VR = 0V, f = 1MHz from line to be protected to ground pin.
2 . tp = 8x20
μs.
3. Clamping voltage value is based on an 8x20
μs peak pulse current (I
pp) waveform.
4. No purposefully added lead. Halogen and Antimony Free.
5. Product manufactured with Data Code V9 (week 33, 2008) and newer are built with Green Molding Compound. Product manufactured
prior to Date Code V9 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
Please click here to visit our online spice models database.


Similar Part No. - DLPT05

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DLPT05 DIODES-DLPT05 Datasheet
75Kb / 3P
SURFACE MOUNT DATALINE PROTECTION DEVICE
DS30310 Rev. 2 - 2
DLPT05 DIODES-DLPT05 Datasheet
112Kb / 4P
SURFACE MOUNT DATALINE PROTECTION DEVICE
DS30310 Rev. 6 - 2
DLPT05-7 DIODES-DLPT05-7 Datasheet
75Kb / 3P
SURFACE MOUNT DATALINE PROTECTION DEVICE
DS30310 Rev. 2 - 2
DLPT05-7-F DIODES-DLPT05-7-F Datasheet
112Kb / 4P
SURFACE MOUNT DATALINE PROTECTION DEVICE
DS30310 Rev. 6 - 2
DLPT05A DIODES-DLPT05A Datasheet
420Kb / 6P
SURFACE MOUNT DATALINE PROTECTION DEVICE
Rev. 2 - 2 November 2022
More results

Similar Description - DLPT05

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ITA6V1U1 STMICROELECTRONICS-ITA6V1U1 Datasheet
177Kb / 5P
TRANSILTM ARRAY FOR DATALINE PROTECTION
05-Apr-1000
ITA6V5B1 STMICROELECTRONICS-ITA6V5B1 Datasheet
149Kb / 5P
BIDIRECTIONAL TRANSILTM ARRAY FOR DATALINE PROTECTION
05-Apr-1000
ITA6V5B3 STMICROELECTRONICS-ITA6V5B3 Datasheet
72Kb / 6P
BIDIRECTIONAL TRANSILTM ARRAY FOR DATALINE PROTECTION
05-Apr-1000
logo
Diodes Incorporated
DLPT05 DIODES-DLPT05 Datasheet
75Kb / 3P
SURFACE MOUNT DATALINE PROTECTION DEVICE
DS30310 Rev. 2 - 2
logo
STMicroelectronics
ITAXXU1 STMICROELECTRONICS-ITAXXU1 Datasheet
57Kb / 6P
TRANSIL ARRAY FOR DATALINE PROTECTION
13-Dec-2004
ITAXXB1 STMICROELECTRONICS-ITAXXB1 Datasheet
69Kb / 6P
BIDIRECTIONAL TRANSIL ARRAY FOR DATALINE PROTECTION
13-Dec-2004
logo
Diodes Incorporated
DLPT05 DIODES-DLPT05_1 Datasheet
112Kb / 4P
SURFACE MOUNT DATALINE PROTECTION DEVICE
DS30310 Rev. 6 - 2
DLPT05W DIODES-DLPT05W Datasheet
110Kb / 5P
SURFACE MOUNT DATALINE PROTECTION DEVICE
Rev 3
DLPT05A DIODES-DLPT05A Datasheet
420Kb / 6P
SURFACE MOUNT DATALINE PROTECTION DEVICE
Rev. 2 - 2 November 2022
DLPT05WA DIODES-DLPT05WA Datasheet
459Kb / 6P
SURFACE MOUNT DATALINE PROTECTION DEVICE
Rev. 1 - 2 September 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com