Electronic Components Datasheet Search
  English  ▼

X  

DDTCE Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DDTCE
Description  NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTCE Datasheet(HTML) 2 Page - Diodes Incorporated

  DDTCE Datasheet HTML 1Page - Diodes Incorporated DDTCE Datasheet HTML 2Page - Diodes Incorporated DDTCE Datasheet HTML 3Page - Diodes Incorporated DDTCE Datasheet HTML 4Page - Diodes Incorporated DDTCE Datasheet HTML 5Page - Diodes Incorporated DDTCE Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics @TA = 25°C unless otherwise specified
DS30313 Rev. 9 - 2
2 of 6
www.diodes.com
DDTC (R1 = R2 SERIES) E
© Diodes Incorporated
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
VI(off)
0.5
1.1
—
VCC = 5V, IO = 100mA
Input Voltage
VI(on)
—
1.9
3
V
VO = 0.3V, IO = 20mA, DDTC123EE
VO = 0.3V, IO = 20mA, DDTC143EE
VO = 0.3V, IO = 10mA, DDTC114EE
VO = 0.3V, IO = 5mA, DDTC124EE
VO = 0.3V, IO = 2mA, DDTC144EE
VO = 0.3V, IO = 1mA, DDTC115EE
Output Voltage
VO(on)
—
0.1
0.3
V
IO/Il =10mA/0.5mA, DDTC123EE
IO/Il =10mA/0.5mA, DDTC143EE
IO/Il =10mA/0.5mA, DDTC114EE
IO/Il =10mA/0.5mA, DDTC124EE
IO/Il =10mA/0.5mA, DDTC144EE
IO/Il = 5mA/0.25mA, DDTC115EE
Input Current
DDTC123EE
DDTC143EE
DDTC114EE
DDTC124EE
DDTC144EE
DDTC115EE
II
—
—
3.8
1.8
0.88
0.36
0.18
0.15
mA
Vl = 5V
Output Current
IO(off)
—
—
0.5
μA
VCC = 50V, VI = 0V
DC Current Gain
DDTC123EE
DDTC143EE
DDTC114EE
DDTC124EE
DDTC144EE
DDTC115EE
GI
20
20
30
56
68
82
—
—
—
VO = 5V, IO = 20mA
VO = 5V, IO = 10mA
VO = 5V, IO = 5mA
VO = 5V, IO = 5mA
VO = 5V, IO = 5mA
VO = 5V, IO = 5mA
Input Resistor (R1) Tolerance
ΔR1
-30
—
+30
%
—
Resistance Ratio
R2/R1
0.8
1
1.2
—
—
Gain-Bandwidth Product*
fT
—
250
—
MHz VCE = 10V, IE = 5mA, f = 100MHz
* Transistor – For Reference Only
Electrical Characteristics @TA = 25°C unless otherwise specified
-50
050
100
250
200
150
50
100
0
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Derating Curve
A
°
0
1
2
3
4
0
20
30
V , REVERSE BIAS VOLTAGE (V)
Fig. 2 Output Capacitance
R
5
10
5
15
25
f = 1MHz
150



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com